Electronic Components Datasheet Search
  English  ▼

X  

20008074 Datasheet(PDF) 3 Page - Phoenix Mecano S.E. Asia Pte Ltd

Part # 20008074
Description  Cable glands / General Accessories
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOPLA [Phoenix Mecano S.E. Asia Pte Ltd]
Direct Link  https://www.bopla.de/en/
Logo BOPLA - Phoenix Mecano S.E. Asia Pte Ltd

20008074 Datasheet(HTML) 3 Page - Phoenix Mecano S.E. Asia Pte Ltd

  20008074 Datasheet HTML 1Page - Phoenix Mecano S.E. Asia Pte Ltd 20008074 Datasheet HTML 2Page - Phoenix Mecano S.E. Asia Pte Ltd 20008074 Datasheet HTML 3Page - Phoenix Mecano S.E. Asia Pte Ltd 20008074 Datasheet HTML 4Page - Phoenix Mecano S.E. Asia Pte Ltd 20008074 Datasheet HTML 5Page - Phoenix Mecano S.E. Asia Pte Ltd 20008074 Datasheet HTML 6Page - Phoenix Mecano S.E. Asia Pte Ltd 20008074 Datasheet HTML 7Page - Phoenix Mecano S.E. Asia Pte Ltd 20008074 Datasheet HTML 8Page - Phoenix Mecano S.E. Asia Pte Ltd 20008074 Datasheet HTML 9Page - Phoenix Mecano S.E. Asia Pte Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
MSS / MSD / MSKBF:
- Pg
- IP 65 / DIN EN 60529 (MSD/MSK)
- IP 54 / DIN EN 60529 (MSS)
- Brass, nickel-plated
- Integrated strain relief (MSK)
- Temperature ranges:
- 20°C to +100°C (MSK),
- 30°C to +110°C (MSS/MSD)
MZI / PST:
- Pg
- IP 65 / DIN EN 60529
- Polyamide, light grey, similar to RAL 7035
- Integrated strain relief
- Temperature range: -20°C to +100°C
- MZI for internal mounting with a flat
external assembly of 3 mm
- With the PST, pre-configured cables can
be completely mounted in the enclosure
DZP / TZP / KK / GD:
- Half cable glands
- Pg
- IP 65 / DIN EN 60529
- Polyamide, light grey, similar to RAL 7035
(DZP/TZP)
- Hostaform (KK)
Universal accessories suitable for all BOPLA enclosures
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com