Electronic Components Datasheet Search
  English  ▼

X  

UWB-PROFIL Datasheet(PDF) 16 Page - Phoenix Mecano S.E. Asia Pte Ltd

Part # UWB-PROFIL
Description  Cable glands / General Accessories
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOPLA [Phoenix Mecano S.E. Asia Pte Ltd]
Direct Link  https://www.bopla.de/en/
Logo BOPLA - Phoenix Mecano S.E. Asia Pte Ltd

UWB-PROFIL Datasheet(HTML) 16 Page - Phoenix Mecano S.E. Asia Pte Ltd

Back Button UWB-PROFIL Datasheet HTML 12Page - Phoenix Mecano S.E. Asia Pte Ltd UWB-PROFIL Datasheet HTML 13Page - Phoenix Mecano S.E. Asia Pte Ltd UWB-PROFIL Datasheet HTML 14Page - Phoenix Mecano S.E. Asia Pte Ltd UWB-PROFIL Datasheet HTML 15Page - Phoenix Mecano S.E. Asia Pte Ltd UWB-PROFIL Datasheet HTML 16Page - Phoenix Mecano S.E. Asia Pte Ltd UWB-PROFIL Datasheet HTML 17Page - Phoenix Mecano S.E. Asia Pte Ltd UWB-PROFIL Datasheet HTML 18Page - Phoenix Mecano S.E. Asia Pte Ltd UWB-PROFIL Datasheet HTML 19Page - Phoenix Mecano S.E. Asia Pte Ltd UWB-PROFIL Datasheet HTML 20Page - Phoenix Mecano S.E. Asia Pte Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
General Accessories
Universal clip
Model
Order no.
Colour
UC1 - 7024
34197024
Graphite grey, similar to RAL 7024
UC1 - 7035
34197035
Light grey, similar to RAL 7035
UC1 - 7038
34197038
Agate grey, similar to RAL 7038
UC1 - 9005
34199005
Black, similar to RAL 9005
Scope Of Delivery: 1 clip incl. fixing material
Notes: Mechanical processing and mounting on request. The fitting of the clip does not affect the protection class
of the enclosure (IP 65).
Universal clip and tip-up clip
Model
Order no.
Colour
ASC 1
34090010
Agate grey, similar to RAL 7038
ASC 1
34090000
Black, similar to RAL 9005
Scope Of Delivery: 1 clip (polyamide), incl. screws
Notes: Can be fitted subsequently to all enclosure. Processing of the enclosure on request. For use as a wall
hanging unit when in closed position. Unlock the tip-up bow to swivel it by 90°.
Wall fitting for ASC 1, ABS
Model
Order no.
Colour
WH-ASC 1-7038
34090011
Agate grey, similar to RAL 7038
WH-ASC 1-9005
34090001
Black, similar to RAL 9005
Scope Of Delivery: 1 wall fitting
Universal screw-on lanyard loop, plastic
Model
Order no.
Colour
OE-7035
59907035
Light grey, similar to RAL 7035
OE-7024
59907024
Graphite grey, similar to RAL 7024
OE-7038
59907038
Agate grey, similar to RAL 7038
OE-9005
59909005
Black, similar to RAL 9005
Scope Of Delivery: 5 loops including screws
Notes: Mechanical processing of the enclosure is required. Load capacity: Max. 15 kg (150 N). Up to IP 65/DIN EN
60529 possible.
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com