Electronic Components Datasheet Search
  English  ▼

X  

ADS5273IPFP.A Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS5273IPFP.A
Description  8-Channel, 12-Bit, 70MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5273IPFP.A Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5273IPFP.A Datasheet HTML 2Page - Texas Instruments ADS5273IPFP.A Datasheet HTML 3Page - Texas Instruments ADS5273IPFP.A Datasheet HTML 4Page - Texas Instruments ADS5273IPFP.A Datasheet HTML 5Page - Texas Instruments ADS5273IPFP.A Datasheet HTML 6Page - Texas Instruments ADS5273IPFP.A Datasheet HTML 7Page - Texas Instruments ADS5273IPFP.A Datasheet HTML 8Page - Texas Instruments ADS5273IPFP.A Datasheet HTML 9Page - Texas Instruments ADS5273IPFP.A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
AC CHARACTERISTICS
ADS5273
SBAS305D – JANUARY 2004 – REVISED JANUARY 2009 .............................................................................................................................................. www.ti.com
TMIN = –40°C and TMAX = +85°C. Typical values are at TA = +25°C, sampling rate = 70MSPS, 50% clock duty cycle,
AVDD = 3.3V, LVDD = 3.3V, –1dBFS, ISET = 56.2kΩ, internal voltage reference, and LVDS buffer current at 3.5mA per
channel, unless otherwise noted. All voltages are applicable after the device has been reset.
ADS5273
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC CHARACTERISTICS
fIN = 1MHz
92
dBc
fIN = 5MHz
76
90
dBc
SFDR Spurious-Free Dynamic Range
fIN = 10MHz
87
dBc
fIN = 20MHz
86
dBc
fIN = 1MHz
101
dBc
fIN = 5MHz
82
95
dBc
HD2 2nd-Order Harmonic Distortion
fIN = 10MHz
92
dBc
fIN = 20MHz
86
dBc
fIN = 1MHz
92
dBc
fIN = 5MHz
76
90
dBc
HD3 3rd-Order Harmonic Distortion
fIN = 10MHz
87
dBc
fIN = 20MHz
86
dBc
fIN = 1MHz
71.1
dBFS
fIN = 5MHz
69
71
dBFS
SNR Signal-to-Noise Ratio
fIN = 10MHz
70.8
dBFS
fIN = 20MHz
70
dBFS
fIN = 1MHz
71
dBFS
fIN = 5MHz
68.5
70.8
dBFS
SINAD Signal-to-Noise and Distortion
fIN = 10MHz
70.6
dBFS
fIN = 20MHz
69.8
dBFS
ENOB Effective Number of Bits
fIN = 5MHz
11.1
11.5
Bits
5MHz Full-Scale Signal Applied to 7 Channels;
Crosstalk
–89
dBc
Measurement Taken on the Channel with No Input Signal
f1 = 9.5MHz at –7dBFS
Two-Tone, Third-Order
IMD3
97
dBFS
Intermodulation Distortion
f2 = 10.2MHz at –7dBFS
6
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5273



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com