Electronic Components Datasheet Search
  English  ▼

X  

BHPR Datasheet(PDF) 6 Page - TT Electronics.

Part # BHPR
Description  MODEL BHPR SERIES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

BHPR Datasheet(HTML) 6 Page - TT Electronics.

  BHPR Datasheet HTML 1Page - TT Electronics. BHPR Datasheet HTML 2Page - TT Electronics. BHPR Datasheet HTML 3Page - TT Electronics. BHPR Datasheet HTML 4Page - TT Electronics. BHPR Datasheet HTML 5Page - TT Electronics. BHPR Datasheet HTML 6Page - TT Electronics. BHPR Datasheet HTML 7Page - TT Electronics. BHPR Datasheet HTML 8Page - TT Electronics. BHPR Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
High Power SOT227
Resistors
MHP150 to MHP600 Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
09. 11
· Pb-free RoHS compliant SOT227 package
· Power rating from 150W to 600W
· High impulse power capability
· Non-inductive film technology
· Superior vibration handling
· UL94V0
Electrical Data
MHP150LF
MHP200LF
MHP250LF
MHP300LF
MHP550LF
MHP600LF
Power Rating1
150W
200W
250W
300W
550W
600W
Available Schematics
V, R
X, Y, Z
V, R
X, Y, Z
V, R
X, Y, Z
Resistance Range
0.1Ω to 1KΩ
2
0.1Ω to 1KΩ
2
50Ω to 1KΩ
2
Thermal Resistance R
thj-c
0.35°C/W
0.23°C
0.11°C/W
Weight
20g
30g
30g
Operating Temperature Range
-55°C to +120°C
-55°C to +155C
Working Voltage
P x R not to exceed 1.0KV
Nominal Values
E24 (2.0 and 5.0 also available)
Resistance Tolerance
±1%, ±5%
TCR
R
O1.0Ω
±250ppm/°C
R
P1.0Ω
±100ppm/°C
1 Power rating is with base temperature between -55°C and +25°C.
2 Contact factory for values greater than 1.0KΩ.
Schematic Data
√
_____
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com