Electronic Components Datasheet Search
  English  ▼

X  

AD9971 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9971
Description  12-Bit CCD Signal Processor with Precision Timing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9971 Datasheet(HTML) 1 Page - Analog Devices

  AD9971 Datasheet HTML 1Page - Analog Devices AD9971 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12-Bit CCD Signal Processor
with Precision Timing
AD9971
Rev. SpA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006–2007 Analog Devices, Inc. All rights reserved.
FEATURES
1.8 V analog and digital core supply voltage
Serial data link with reduced range LVDS outputs
Correlated double sampler (CDS) with −3 dB, 0 dB, +3 dB,
and +6 dB gain
6 dB to 42 dB, 10-bit variable gain amplifier (VGA)
12-bit, 50 MHz ADC
Black level clamp with variable level control
Complete on-chip timing generator
Precision Timing core with 310 ps resolution @ 50 MHz
On-chip, 3 V horizontal and RG drivers
6 mm × 6 mm, 40-lead LFCSP_VQ
APPLICATIONS
Digital video camcorders
Professional/high end digital cameras
Broadcast cameras
Industrial high speed cameras
High speed data acquisition systems
GENERAL DESCRIPTION
The AD9971 is a highly integrated CCD signal processor for
high speed digital video camera applications. Specified at pixel
rates of up to 50 MHz, the AD9971 consists of a complete analog
front end with analog-to-digital conversion combined with a
programmable timing driver. The Precision Timing™ core allows
adjustment of high speed clocks with 310 ps resolution at
50 MHz operation. The AD9971 also contains a reduced range
LVDS interface for the data outputs.
The analog front end includes black level clamping, CDS, VGA,
and a 50 MSPS, 12-bit ADC. The timing driver provides the high
speed CCD clock drivers for RG, HL, and H1 to H4. Operation
is programmed using a 3-wire serial interface.
Packaged in a space-saving 6 mm × 6 mm, 40-lead LFCSP_VQ,
the AD9971 is specified over an operating temperature range of
−25°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
AD9971
CDS
VGA
CLAMP
CLI
VREF
6dB TO 42dB
4
RG
3V INPUT
1.8V OUTPUT
H1 TO H4
REFT REFB
INTERNAL CLOCKS
HD
VD
SL
SCK
SDATA
DOUT0P
DOUT1P
HL
DOUT0N
DOUT1N
TCLKP
TCLKN
–3, 0, +3, +6dB
GPO1
GPO2
CCDINP
CCDINM
REDUCED
RANGE
LVDS OUTPUT
PRECISION
TIMING
GENERATOR
HORIZONTAL
DRIVERS
12-BIT
ADC
INTERNAL
REGISTERS
SYNC
GENERATOR
LDO
REG
IOVDD
LDOOUT
Figure 1.
For more information about the AD9971, contact
Analog Devices, Inc. via email at: afe.ccd@analog.com.


Similar Part No. - AD9971

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9971 AD-AD9971_15 Datasheet
79Kb / 2P
12-Bit CCD Signal Processor with Precision Timing
Rev. SpB
More results

Similar Description - AD9971

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9994 AD-AD9994 Datasheet
63Kb / 2P
12-Bit CCD Signal Processor with Precision Timing Generator
AD9992 AD-AD9992 Datasheet
775Kb / 92P
12-Bit CCD Signal Processor with Precision Timing Generator
10/07-Rev. B to Rev. C
AD9949 AD-AD9949 Datasheet
713Kb / 36P
12-Bit CCD Signal Processor with Precision Timing Core
11/04-Data Sheet Changed from Rev. A to Rev. B
AD9995 AD-AD9995 Datasheet
1Mb / 60P
12-Bit CCD Signal Processor with Precision Timing ??Generator
REV.0
AD9992 AD-AD9992_07 Datasheet
1Mb / 92P
12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
AD9992 AD-AD9992 Datasheet
1Mb / 92P
12-Bit CCD Signal Processor with Precision Timing Generator
Rev. C
AD9949 AD-AD9949_15 Datasheet
714Kb / 36P
12-Bit CCD Signal Processor with Precision Timing Core
REV. B
AD9971 AD-AD9971_15 Datasheet
79Kb / 2P
12-Bit CCD Signal Processor with Precision Timing
Rev. SpB
AD9992 AD-AD9992_15 Datasheet
1Mb / 92P
12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
AD9995 AD-AD9995_15 Datasheet
2Mb / 60P
12-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com