Electronic Components Datasheet Search
  English  ▼

X  

IBT1 Datasheet(PDF) 2 Page - TT Electronics.

Part # IBT1
Description  Carbon Composition Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

IBT1 Datasheet(HTML) 2 Page - TT Electronics.

  IBT1 Datasheet HTML 1Page - TT Electronics. IBT1 Datasheet HTML 2Page - TT Electronics. IBT1 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Carbon Composition
Resistor
IBT Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Resistance Temperature Characteristics
Resistance Range
-55°C
-105°C
Maximum percent resistance
change from room temperature
(+25°C) value
under 1K
1K to 9.1 K
10K to 91K
100K to 910K
1 meg to 10 meg
+2.0 to +5.0
+5.0 to +9.0
+8.0 to +11.0
+10.0 to +14.0
13.0 to +20.0
-4.0 to -2.0
-5.0 to -3.0
-7.0 to -5.0
-9.0 to -7.0
-14.0 to -9.0
Dimensions (Inches and (mm))
IRC Type
A
B
C
D
IBT 1/4
1.18 ± 0.12
(30.00 ± 3.0)
0.248 ± 0.028
(6.3 ± 0.70)
0.024 ± 0.002
(0.60 ± 0.05)
0.094 ± 0.004
(2.40 ± 0.10)
IBT 1/2
1.1 ± 0.12
(28.00 ± 3.0)
0.374 + 0.032 / -0.028
(9.50 + 0.80 / -0.70)
0.0275 ± 0.002
(0.70 ± 0.05)
0.142 ± 0.008
(3.6 ± 0.20)
IBT 1
1.02 ± 0.12
(26.00 ± 3.0)
0.56 ± 0.03
(14.3 ± 0.7)
0.04 ± 0.002
(0.9 ± 0.05)
0.22 ± 0.01
(5.7 ± 0.3)
Physical Data
B
C
A
A
D
PACKAGING:
5000/reel
1000/bulk
Sample Part No.
IRC Type
(IBT1/4, IBT1/2, or IBT1)
Resistance Value
(First two significant figures plus third digit multiplier)
Example: 223 = 22 KΩ
510 = 51 Ω
2R0 = 2.0 Ω
Tolerance
J = ±5.0% K = ±10%
LF
Provides clear "Lead Free" Designation
Packaging Type
Lead Tape = LTR Bulk = Blank
Ordering Data
IBT1
203
J
LF
LTR
IBT Series
Carbon Composition Resistor
IBT Series Issue September 2010 Sheet 2 of 2
Make Possible
12.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
IBT1 is OBSOLETE
X



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com