Electronic Components Datasheet Search
  English  ▼

X  

MHP100 Datasheet(PDF) 4 Page - TT Electronics.

Part # MHP100
Description  140W TO247 High Power Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

MHP100 Datasheet(HTML) 4 Page - TT Electronics.

  MHP100 Datasheet HTML 1Page - TT Electronics. MHP100 Datasheet HTML 2Page - TT Electronics. MHP100 Datasheet HTML 3Page - TT Electronics. MHP100 Datasheet HTML 4Page - TT Electronics. MHP100 Datasheet HTML 5Page - TT Electronics. MHP100 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MHP TO-247 Series
Power Resistor
MHP TO-247 Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
11.13
· TO-247 housing
· Low inductance and capacitance for
high frequency circuits
· Available in 100W or 140W
· High stability film resistance elements
· RoHS compliant terminations
· Insulated metal back plate
· Approved to DSCC drawing 07019
Electrical Data
IRC’s MHP series resistors satisfy demanding applications for accurate
and stable power resistors housed in the convenient TO-247 case. The
resistance element is isolated from the mounting tab by an alumina ceramic layer, providing very low thermal
resistance and ensuring high insulation resistance between terminals and metal back plate. The non-inductive
design makes these products especially useful in high frequency and high speed pulse applications.
Type
Power Rating1
Voltage
Rating4
Thermal
Resistance
Resistance
Range
Tolerances
Nominal
Resistance
Series5
Typ. TCR
(ppm/°C)
Induc-
tance
Capaci-
tance
Heatsink2
Free Air3
Min
Max
MHP100
100W
3W
700V
1.3°C/W
0.01
0.09
±1%, ±5%
E24
Includes
2.5 & 5.0
multiplier
See Chart
<12nH
<3pF
0.1
9.1
10
51K
MHP140
140W
3W
700 V
0.9°C/W
0.01
0.09
±1%, ±5%
E24
Includes
2.5 & 5.0
multiplier
See Chart
<13nH
<4pF
0.1
9.1
10
51K
3
Contact factory for availability of resistance or tolerance
values outside this range
Frequency Characteristics
1K
100
10
1
10K
100K
1M
10M
100M
1G
Frequency(Hz)
MHP100/140LF 10R0 F
MHP100/140LF 100R F
MHP100/140LF 1K0 F
Pulse Energy Durability
10K
1K
100
10
Pulse Width (seconds)
10µ
100µ
1m
10m
100m
MHP140
MHP100
Safety Zone
Damage Level
OBSOLETE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com