Electronic Components Datasheet Search
  English  ▼

X  

MHP-20 Datasheet(PDF) 4 Page - TT Electronics.

Part # MHP-20
Description  20W TO220 High Power Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

MHP-20 Datasheet(HTML) 4 Page - TT Electronics.

  MHP-20 Datasheet HTML 1Page - TT Electronics. MHP-20 Datasheet HTML 2Page - TT Electronics. MHP-20 Datasheet HTML 3Page - TT Electronics. MHP-20 Datasheet HTML 4Page - TT Electronics. MHP-20 Datasheet HTML 5Page - TT Electronics. MHP-20 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MHP TO-220 Series
Power Resistor
MHP Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
09. 11
· TO-220 housing
· Low inductance and capacitance for
high frequency circuits
· Available in 20W, 35W, or 50W
· High stability film resistance elements
· RoHS compliant
· Approved to DSCC drawings 07017 and 07018
IRC’s MHP series resistors satisfy demanding applications for accurate
and stable power resistors housed in the convenient TO-220 case. The
resistance element is isolated from the mounting tab by an alumina ceramic layer, providing very low ther-
mal resistance and ensuring high insulation resistance between terminals and tab. The non-inductive design
makes these products especially useful in high frequency and high speed pulse applications.
Electrical Data
Type
Power Rating1
Voltage
Rating4
Thermal
Resistance
Resistance
Range
Tolerances
Nominal
Resistance
Series5
Typ. TCR
(ppm/°C)
Induc-
tance
Capaci-
tance
Heatsink2
Free Air3
Min
Max
MHP-20
20W
2.25W
500V
5.9°C/W
0.01Ω
0.09Ω
±1%, ±5%
E24
Includes
2.5 & 5.0
multiplier
See Chart
<9nH
<2pF
0.1Ω
9.1Ω
10Ω
51KΩ
MHP-35
35W
2.25W
500V
3.3°C/W
0.01Ω
0.09Ω
±1%, ±5%
E24
Includes
2.5 & 5.0
multiplier
See Chart
<9nH
<2pF
0.1Ω
9.1Ω
10Ω
51KΩ
MHP-50
50W
2.25W
500V
2.3°C/W
0.01Ω
0.09Ω
±1%, ±5%
E24
Includes
2.5 & 5.0
multiplier
See Chart
<10nH
<2pF
0.1Ω
9.1Ω
10Ω
51KΩ
1Maximum current 25 amps
2Power rating based on 25°C tab temperature
3Power rating based on 25°C ambient temperature
4Maximum voltage 500V or P x R
5Contact factory for availability of resistance or tolerance
values outside this range
√
Frequency Characteristics
10K
1K
100
10K
100K
1M
10M
100M
1G
Frequency(Hz)
Pulse Energy Durability
10K
1K
100
10
Pulse Width (seconds)
10µ
100µ
1m
10m
100m
MHP20LF 10K
MHP20LF 1K00
MHP20LF 100R
MHP20LF 50R0
MHP20LF 22R0
10
MHP50
MHP35
MHP20
Safety Zone
Damage Level
OBSOLETE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com