Electronic Components Datasheet Search
  English  ▼

X  

CD74ACT373M96 Datasheet(PDF) 12 Page - Texas Instruments

Part # CD74ACT373M96
Description  CDx4AC373, CDx4ACT373 Octal Transparent Latch, 3-State
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT373M96 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CD74ACT373M96 Datasheet HTML 7Page - Texas Instruments CD74ACT373M96 Datasheet HTML 8Page - Texas Instruments CD74ACT373M96 Datasheet HTML 9Page - Texas Instruments CD74ACT373M96 Datasheet HTML 10Page - Texas Instruments CD74ACT373M96 Datasheet HTML 11Page - Texas Instruments CD74ACT373M96 Datasheet HTML 12Page - Texas Instruments CD74ACT373M96 Datasheet HTML 13Page - Texas Instruments CD74ACT373M96 Datasheet HTML 14Page - Texas Instruments CD74ACT373M96 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
7 Application and Implementation
7.1 Power Supply Recommendations
The power supply can be any voltage between the MIN and MAX supply voltage rating located in the
Recommended Operating Conditions table.
Each VCC pin should have a good bypass capacitor to prevent power disturbance. For devices with a single
supply, 0.1 μf is recommended; if there are multiple VCC pins, then 0.01 μf or 0.022 μf is recommended for each
power pin. It is acceptable to parallel multiple bypass caps to reject different frequencies of noise. A 0.1 μf and
a 1 μf are commonly used in parallel. The bypass capacitor should be installed as close to the power pin as
possible for best results.
7.2 Layout Guidelines
7.2.1 Layout Guidelines
When using multiple bit logic devices inputs should not ever float. In many cases, functions or parts of functions
of digital logic devices are unused, for example, when only two inputs of a triple-input AND gate are used or only
three of the four buffer gates are used. Such input pins should not be left unconnected because the undefined
voltages at the outside connections result in undefined operational states. Specified below are the rules that
must be observed under all circumstances. All unused inputs of digital logic devices must be connected to a high
or low bias to prevent them from floating. The logic level that should be applied to any particular unused input
depends on the function of the device. Generally they will be tied to GND or VCC whichever make more sense
or is more convenient. Floating outputs is generally acceptable, unless the part is a transceiver. If the transceiver
has an output enable pin it will disable the outputs section of the part when asserted. This will not disable the
input section of the I.O’s so they also cannot float when disabled.
CD54AC373, CD74AC373, CD54ACT373, CD74ACT373
SCHS289A – DECEMBER 1998 – REVISED MAY 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CD54AC373 CD74AC373 CD54ACT373 CD74ACT373



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com