Electronic Components Datasheet Search
  English  ▼

X  

CDX4ACT373 Datasheet(PDF) 11 Page - Texas Instruments

Part # CDX4ACT373
Description  CDx4AC373, CDx4ACT373 Octal Transparent Latch, 3-State
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDX4ACT373 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDX4ACT373 Datasheet HTML 7Page - Texas Instruments CDX4ACT373 Datasheet HTML 8Page - Texas Instruments CDX4ACT373 Datasheet HTML 9Page - Texas Instruments CDX4ACT373 Datasheet HTML 10Page - Texas Instruments CDX4ACT373 Datasheet HTML 11Page - Texas Instruments CDX4ACT373 Datasheet HTML 12Page - Texas Instruments CDX4ACT373 Datasheet HTML 13Page - Texas Instruments CDX4ACT373 Datasheet HTML 14Page - Texas Instruments CDX4ACT373 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
6 Detailed Description
6.1 Overview
The RCA-CD54/74AC373 and the CD54/74ACT373 octal transparent 3-state latches use the RCA ADVANCED
CMOS technology. The outputs are transparent to the inputs when the Latch Enable (LE) is HIGH. When
the Latch Enable (LE) goes LOW, the data is latched. The Output Enable (OE) controls the 3-state outputs.
When the Output Enable (OE) is HIGH, the outputs are in the high-impedance state. The latch operation is
independent of the state of the Output Enable.
The CD74AC/ACT373 are supplied in 20-lead dual-in-line plastic packages (E suffix) and in 20-lead dual-in-line
small-outline plastic packages (M suffix). Both package types are operable over the following temperature
ranges: Commercial (0 to 70°C); Industrial (-40 to +85°C); and Extended Industrial/Military (-55 to +125°C).
The CD54AC/ACT373, available in chip form (H suffix), are operable over the -55 to +125°C temperature range.
6.2 Functional Block Diagram
6.3 Functional Block Diagram
Table 6-1. Truth Table
Output Enable
Latch Enable
Data
AC/ACT373
Output
L
H
H
H
L
H
L
L
L
L
I
L
L
L
h
H
H
X
X
Z
www.ti.com
CD54AC373, CD74AC373, CD54ACT373, CD74ACT373
SCHS289A – DECEMBER 1998 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: CD54AC373 CD74AC373 CD54ACT373 CD74ACT373



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com