Electronic Components Datasheet Search
  English  ▼

X  

FOD814 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FOD814
Description  4-Pin DIP Phototransistor Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FOD814 Datasheet(HTML) 4 Page - ON Semiconductor

  FOD814 Datasheet HTML 1Page - ON Semiconductor FOD814 Datasheet HTML 2Page - ON Semiconductor FOD814 Datasheet HTML 3Page - ON Semiconductor FOD814 Datasheet HTML 4Page - ON Semiconductor FOD814 Datasheet HTML 5Page - ON Semiconductor FOD814 Datasheet HTML 6Page - ON Semiconductor FOD814 Datasheet HTML 7Page - ON Semiconductor FOD814 Datasheet HTML 8Page - ON Semiconductor FOD814 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD814 Series, FOD817 Series Rev. 2.9
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only. TA = 25°C Unless otherwise specified.
Symbol
Parameter
Value
Unit
FOD814
FOD817
Total Device
TSTG
Storage Temperature
-55 to +150
°C
TOPR
Operating Temperature
-55 to +105
-55 to +110
°C
TJ
Junction Temperature
-55 to +125
°C
TSOL
Lead Solder Temperature
260 for 10 seconds
°C
JC
Junction-to-Case Thermal Resistance
210
°C/W
PTOT
Total Device Power Dissipation
200
mW
EMITTER
IF
Continuous Forward Current
±50
50
mA
VR
Reverse Voltage
6
V
PD
Power Dissipation
70
mW
Derate Above 100°C
1.7
mW/°C
DETECTOR
VCEO
Collector-Emitter Voltage
70
V
VECO
Emitter-Collector Voltage
6
V
IC
Continuous Collector Current
50
mA
PC
Collector Power Dissipation
150
mW
Derate Above 90°C
2.9
mW/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com