Electronic Components Datasheet Search
  English  ▼

X  

CD54HC123F Datasheet(PDF) 2 Page - Texas Instruments

Part # CD54HC123F
Description  High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC123F Datasheet(HTML) 2 Page - Texas Instruments

  CD54HC123F Datasheet HTML 1Page - Texas Instruments CD54HC123F Datasheet HTML 2Page - Texas Instruments CD54HC123F Datasheet HTML 3Page - Texas Instruments CD54HC123F Datasheet HTML 4Page - Texas Instruments CD54HC123F Datasheet HTML 5Page - Texas Instruments CD54HC123F Datasheet HTML 6Page - Texas Instruments CD54HC123F Datasheet HTML 7Page - Texas Instruments CD54HC123F Datasheet HTML 8Page - Texas Instruments CD54HC123F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
Pinout
CD54HC123, CD54HCT123
(CERDIP)
CD74HC123
(PDIP, SOIC, SOP, TSSOP)
CD74HC423
(PDIP, SOIC, SOP)
CD74HCT123, CD74HCT423
(PDIP, SOIC)
TOP VIEW
Functional Diagram
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
1A
1B
1R
1Q
2Q
2CX
GND
2RXCX
VCC
1CX
1Q
2Q
2R
2B
2A
1RXCX
2R
11
2A
9
10
5
12
2Q
2Q
2B
MONO 2
VCC
67
2Cx
2RxCx
1R
3
1A
2
1
13
4
1Q
1Q
1B
MONO 1
VCC
14
15
1Cx
1RxCx
1Cx
1Rx
2Cx
2Rx
TRUTH TABLE
INPUTS
OUTPUTS
AB
RQ
Q
CD74HC/HCT123
HX
H
L
H
XL
H
L
H
L
↑
H
↓
HH
XX
L
L
H
LH
↑
CD74HC/HCT423
HX
H
L
H
XL
H
L
H
L
↑
H
↓
HH
XX
L
L
H
H = High Voltage Level, L = Low Voltage Level,
X = Don’t Care.
CD54/74HC123, CD54/74HCT123, CD74HC423, CD74HCT423



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com