Electronic Components Datasheet Search
  English  ▼

X  

TS1117 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS1117
Description  1A Low Dropout Positive Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1117 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS1117 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1117 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1117 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1117 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1117 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1117 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1117 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1117 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS1117 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TS1117
1A Low Dropout Positive Voltage Regulator
2/9
Version: A07
Absolute Maximum Rating (Note 1)
Parameter
Symbol
Limit
Unit
Input Supply Voltage
VIN
12
V
Operation Input Supply Voltage
VIN (Opr. Typ.)
7
V
Power Dissipation (Note 2)
PD
Internal limited
TO-220
80
TO-263
85
TO-252
105
Thermal Resistance
Junction to Ambient
SOT-223
ӨJA
130
oC/W
Operating Junction Temperature Range
TJ
0 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
TO-220 / TO-263
10
Lead Soldering Temperature (260
oC)
TO-252 / SOT-223
5
S
Electrical Specification (Ta = 25oC, unless otherwise specified.)
Parameter
Conditions
Min
Typ
Max
Unit
Reference Voltage
VIN= 2.75, Io=1A
1.225
1.25
1.275
V
VIN = 3.3V~7V, Io=1A
1.470
1.5
1.530
V
VIN = 4V~7V, Io=1A
1.764
1.8
1.836
V
VIN = 4.8V~7V, Io=1A
2.450
2.5
2.550
V
VIN = 6.5V~7V, Io=1A
3.235
3.3
3.366
V
Output Voltage
Vo+1.5V ≤ VIN ≤ 7V, Io= 10mA
4.900
5.0
5.100
V
Line Regulation
VIN = VOUT +1.5V
Io= 10mA ~ 1A
--
0.015
0.2
%
Load Regulation (Note 1,2)
Io=1A, ∆ VOUT = 1% VOUT
--
0.05
1.0
%
Dropout Voltage
VIN = 5V
--
1.3
1.5
V
Quiescent Current
--
8
10
mA
Adjustable Pin Current
VIN - VOUT = 3V
--
90
--
uA
Output Current Limit
Io=10mA,
1.1
--
--
A
Temperature Stability
F= 120Hz, Io= 1A, COUT = 25uF,
VIN = Vout+3V
--
0.5
--
%
Ripple Rejection
VIN= 2.75, Io=1A
--
60
70
dB
Note 1: See thermal regulation specification for changes in output voltage due to heating effects. Line and load
regulation are measured at a constant junction temperature by low duty cycle pulse testing. Load regulation is
measured at the output lead = 1/18” from the package.
Note 2: Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is
determined by the input / output voltage difference and the output current. Guaranteed maximum power
dissipation will not be available over the full input / output voltage range.
Note 3: Quiescent current is defined as the minimum output current required to maintain the regulation.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com