Electronic Components Datasheet Search
  English  ▼

X  

TS1581 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS1581
Description  5A Dual Input LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1581 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS1581 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1581 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1581 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1581 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1581 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1581 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1581 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1581 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS1581 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TS1581
5A Dual Input LDO
1/9
Version: A07
TO-220-5L
TO-263-5L
(D
2PAK)
General Description
The TS1581 family is a positive adjustable and fixed voltage regulator developed to provide 5A with Higher efficiency
than currently available devices. All internal circuit is designed to operate down to 700mV input to output differential
and the dropout voltage is fully specified as a function of load current. Dropout voltage of the device is 100mV at light
loads and rising to 700mV at maximum output current. A Second low current input is required to achieve this dropout.
The TS1581 series are designed to prevent device failure under the worst operation condition with both Thermal
Shutdown and Current Fold-back.
Features
●
Very low dropout voltage: 700mV @5A
●
Output current up to 5A
●
Low current Consumption
●
High Accuracy Output Voltage: ±1%
●
Fast transient response
●
Remote sense
●
Internal current limit
●
Thermal shutdown protection
Ordering Information
Part No.
Package
Packing
TS1581CZ5 C0
TO-220-5L
50pcs / Tube
TS1581CZ5xx C0
TO-220-5L
50pcs / Tube
TS1581CM5 RN
TO-263-5L
800pcs / 13” Reel
TS1581CM5xx RN
TO-263-5L
800pcs / 13” Reel
Note: Where xx denotes voltage option, available are
3.3V, 2.5V & 1.8V. Leave blank for adjustable
version.
Contact factory for additional voltage options.
Applications
●
High efficiency linear regulator
●
Post regulators for switching supplies
●
Advance graphic card
●
Adjustable power supply
Block Diagram
Typical Application Circuit
Pin Definition:
1. Sense
2. Adj / Gnd
3. Output
4. V Control
5. V Power


Similar Part No. - TS1581

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1581 TSC-TS1581 Datasheet
135Kb / 7P
5A Dual Input Low Dropout Positive Voltage Regulator
TS1581CM5 TSC-TS1581CM5 Datasheet
135Kb / 7P
5A Dual Input Low Dropout Positive Voltage Regulator
TS1581CM52.5 TSC-TS1581CM52.5 Datasheet
135Kb / 7P
5A Dual Input Low Dropout Positive Voltage Regulator
TS1581CM525 TSC-TS1581CM525 Datasheet
135Kb / 7P
5A Dual Input Low Dropout Positive Voltage Regulator
TS1581CM53.3 TSC-TS1581CM53.3 Datasheet
135Kb / 7P
5A Dual Input Low Dropout Positive Voltage Regulator
More results

Similar Description - TS1581

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC49500 MICREL-MIC49500 Datasheet
233Kb / 11P
5A Dual Supply, Low Voltage, High Bandwidth LDO
logo
Taiwan Semiconductor Co...
TS1581 TSC-TS1581 Datasheet
135Kb / 7P
5A Dual Input Low Dropout Positive Voltage Regulator
logo
Micrel Semiconductor
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
5A, Low voltage uCap LDO REgulator
logo
Taiwan Semiconductor Co...
TS1583 TSC-TS1583_07 Datasheet
432Kb / 9P
1.5A Dual Input LDO
TS1582 TSC-TS1582_07 Datasheet
432Kb / 9P
3A Dual Input LDO
logo
Silan Microelectronics ...
SA1084 SILAN-SA1084 Datasheet
451Kb / 10P
5A LDO VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC29510 MICREL-MIC29510_06 Datasheet
315Kb / 10P
5A Fast-Response LDO Regulator
MIC49500 MICREL-MIC49500_07 Datasheet
221Kb / 11P
5A Dual Supply, Low Voltage, High Bandwidth LDO
logo
Advanced Monolithic Sys...
AMS1084 AMS-AMS1084 Datasheet
1Mb / 11P
5A LDO VOLTAGE REGULATOR
logo
Guangdong Youtai Semico...
AMS1084CM-3.3 UMW-AMS1084CM-3.3 Datasheet
1Mb / 11P
5A LDO regulator circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com