Electronic Components Datasheet Search
  English  ▼

X  

2106 Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # 2106
Description  USB to 1-Port RS-422 DB9 Serial Interface Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

2106 Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  2106 Datasheet HTML 1Page - Sealevel Systems, Inc. 2106 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
USB to RS-232 DB9 Serial Interface Adapter
Part: 2106 | Model: SeaLINK+422
Features
• Compliant with RoHS and WEEE directives
• High speed UART with 128-byte Tx FIFO and 384-byte
Rx FIFO
• Data rates to 921.6K bps
• Rugged construction using molded connectors
• Powered by USB connection
• Sealevel software supports Windows 98SE/ME/2000/
XP/Vista, Windows 7, 8, and 10, and Linux operating
systems
• Total length 60″
• DB-9M connector
Specifications
Family
SeaLINK
Communications
Chip
USB/UART
Communications
Chip
16C954
Dimensions
Overmold: 2.675” (L) x 1.02” (W) x 0.6”
(H)Overall Length: 60”
Electrical Interface
RS-422
Humidity Range
10 – 90% Relative Humidity, Non-
Condensing
Host Interface(s)
USB
Max Data Distance
4000 feet
Max Data Rate
921.6K bps
Operating
Temperature
0°C to 70°C (32°F to 158°F)
# of Ports
1
Power Requirement
+5V @ 100mA
RoHS Compliant
Yes
Serial Connector(s)
DB9M
Storage
Temperature
-50°C to 105°C (-58°F to 221°F)
USB Powered
Yes
USB Specification
1.1 Compliant, 2.0 Compatible
sealevel.com
+ 1 864.843.4343
SL9306-I21



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com