Electronic Components Datasheet Search
  English  ▼

X  

2128 Datasheet(PDF) 1 Page - Sealevel Systems, Inc.

Part # 2128
Description  Embedded USB to 1-Port RS-232, RS-422, RS-485 (Software Configurable)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

2128 Datasheet(HTML) 1 Page - Sealevel Systems, Inc.

  2128 Datasheet HTML 1Page - Sealevel Systems, Inc. 2128 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded USB to 1-Port RS-232, RS-422, RS-485
(Software Configurable) DB9 Serial Interface Adapter
with PC Bracket
The SeaLINK® 2128 is a single port embedded USB to multi-interface serial adapter intended for mounting directly to a computer
chassis, eliminating the need for an external converter and providing a clean, professional installation. All configuration and
electrical interface selections are handled through the driver, so you never need to open the enclosure to set jumpers or switches.
The serial port is software configurable for RS-232, RS-422, and RS-485 with the electrical interface settings maintained locally,
allowing the host computer to be repaired or upgraded without reconfiguring the serial ports.
Sealevel SeaCOM USB software drivers and utilities make installation and operation easy using Microsoft Windows operating
systems. After installing the software, simply connect the 2128 to an available USB header connector on your motherboard
and the serial port is recognized as a standard COM port by the host system enabling compatibility with legacy software. All
Sealevel SeaLINK USB serial adapters use a state-machine architecture that greatly reduces the host computer’s overhead when
communicating over multiple serial ports simultaneously while supporting data rates to 921.6K bps.
The 2128 includes a standard-sized PC bracket and ships with an internal USB cable (Item# CA260) that is compatible with many
EBX and larger sized motherboards with 0.1 USB header connectors. For EPIC and smaller sized motherboards, an internal USB
cable with a 2mm header connector (Item# CA383) is available as an option. Standard operating temperature range is 0°C to 70°C
and extended temperature range (-40°C to 85°C) is optional.
Do you know that adapter design can impact your application? Find out how in this USB Serial performance report.
Part: 2128 | Model: SeaLINK/PC.SC
WORLD CL AS S . A MERICAN M ADE.
Delivering Design & Manufacturing Excellence Since 1986


Similar Part No. - 2128

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2128 ETC2-2128 Datasheet
311Kb / 1P
MALE/FEMALE THREADED STANDOFFS
2128 ETC2-2128 Datasheet
110Kb / 2P
HEX MALE/FEMALE STANDOFFS
logo
Heyco.
2128 HEYCO-2128 Datasheet
151Kb / 1P
Extra Dome Plugs
logo
Belden Inc.
2128 BELDEN-2128 Datasheet
373Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
Keystone Electronics Co...
2128 KEYSTONE-2128 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
More results

Similar Description - 2128

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADAM-4521 ETC-ADAM-4521 Datasheet
164Kb / 1P
Addressable RS-422/485 to RS-232 Converter
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
ADAM-4561 ADVANTECH-ADAM-4561 Datasheet
134Kb / 1P
1-port Isolated USB to RS-232/422/485 Converter
logo
Exar Corporation
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER
logo
Moxa Inc.
TCC-80 MOXA-TCC-80 Datasheet
1Mb / 5P
Port-powered RS-232 to RS-422/485 converters
logo
Advantech Co., Ltd.
SCP211-DFTB3 ADVANTECH-SCP211-DFTB3 Datasheet
318Kb / 1P
Industrial RS-232 to RS-422/485 Converters
BB-485DRCI ADVANTECH-BB-485DRCI Datasheet
497Kb / 2P
Industrial RS-232 to RS-422/485 Converter
BB-SCP211-DFTB3 ADVANTECH-BB-SCP211-DFTB3 Datasheet
212Kb / 2P
Industrial RS-232 to RS-422/485 Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com