Electronic Components Datasheet Search
  English  ▼

X  

2167 Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # 2167
Description  USB to 16-Port RS-232, RS-485 RJ45 VersaCom Serial Interface Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

2167 Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  2167 Datasheet HTML 1Page - Sealevel Systems, Inc. 2167 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
USB to 16-Port RS-232, RS-485 RJ45 VersaCom Serial Interface Adapter
Part: 2167 | Model: SeaLINK+16.VC
Features
• Compliant with RoHS and WEEE directives
• Utilizes high-speed UARTs with 128-byte Tx FIFOs and 384-byte Rx
FIFOs
• Supports front or rear rack mounting or desktop use
• Provides 16 RJ45 serial ports with Tx/Rx status LEDs
• VersaCom design allows RS-232 or two-wire RS-485 selection via
cabling on each individual port
• Supports RS-232 data rates to 115.2K bps and half duplex RS-485 data
rates to 921.6K bps
• Includes two fully-rated (500mA) USB 1.1 downstream ports
• Power LED on front and rear
• Sealevel SeaCOM software supports Microsoft Windows and Linux
operating systems
• Includes 72-inch USB cable (Item# CA179)
• 120V AC adapter included (5VDC 2.4A output, Item# TR101)
Specifications
Family
SeaLINK
Communications Chip
USB/UART
Dimensions
7.0 (L) x 16.8 (W) x 1.7 (H)
Electrical Interface
RS-232, RS-485
High Retention USB
Yes
Humidity Range
10 – 90% Relative Humidity, Non-
Condensing
Host Interface(s)
USB
Max Data Distance
50 feet (RS-232) 4000 feet (RS-485)
Max Data Rate
115.2K bps (RS-232) 921.6K bps (RS-
485)
Operating Temperature
0°C to 70°C (32°F to 158°F)
# of Ports
16
Power Requirement
+5V @ 3A
RoHS Compliant
Yes
SeaLATCH Locking
USB
Yes
Serial Connector(s)
RJ45, VersaCom
Storage Temperature
-50°C to 105°C (-58°F to 221°F)
USB Specification
1.1 Compliant 2.0 Compatible
sealevel.com
+1 864.843.4343
SL9464 E22



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com