Electronic Components Datasheet Search
  English  ▼

X  

2407 Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # 2407
Description  USB to 4-Port RS-232, RS-485 RJ45 VersaCom Serial Interface Adapter, Bus-Powered
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

2407 Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  2407 Datasheet HTML 1Page - Sealevel Systems, Inc. 2407 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
USB to 4-Port RS-232, RS-485 RJ45 VersaCom Serial Interface Adapter, Bus-Powered
Part: 2407 | Model: SeaLINK+4.VC
Features
• Compliant with RoHS and WEEE directives
• Utilizes high-speed UARTs with 128-byte Tx FIFOs and 384-byte Rx
FIFOs
• Housed in rugged, attractive plastic enclosure
• Powered by USB connection
• Optionally configured to power 5, 12 or 24 VDC serial peripherals
• Optional external power is internally fused and connected to pin 5 on
each RJ45 connector
• Provides 4 RJ45 serial ports with Tx/Rx status LEDs
• VersaCom design allows RS-232 or two-wire RS-485 selection via
cabling on each individual port
• High-retention USB type B connector prevents accidental disconnection
of USB cable
• Integrates transmit and receive LED indicators on each port
• Sealevel SeaCOM software supports Windows and Linux operating
systems
• Includes 72-inch USB cable (Item# CA179)
sealevel.com
+1 864.843.4343
SL9522 F22
Specifications
Operating
Temperature
0°C to 70°C (32°F to 158°F)
Communications
Chip
USB/UART
Dimensions
9.2 (L) x 5.3 (W) x 1.7 (H)
Electrical Interface
RS-232
High Retention USB
Yes
Humidity Range
10 – 90% Relative Humidity, Non-
Condensing
Host Interface(s)
USB
Max Data Distance
50 feet (RS-232) 4000 feet (RS-485)
Max Data Rate
921.6K bps
USB Specification
1.1 Compliant, 2.0 Compatible
Family
SeaLINK
Power Requirement
+5V @ 300mA
RoHS Compliant
Yes
Serial Connector(s)
RJ45, VersaCom
Storage
Temperature
-50°C to 105°C (-58°F to 221°F)
USB Powered
Yes
# of Ports
4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com