Electronic Components Datasheet Search
  English  ▼

X  

BAV100 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAV100
Description  500mW Hermetically Sealed Glass High Voltage Switching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV100 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAV100 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV100 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAV100/101/102/103
500mW Hermetically Sealed Glass
High Voltage Switching Diodes
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
MINI MELF
Features
High Voltage Switching Device
Mini Melf package
Surface device type mounting
Hermetically sealed glass
Compression bonded construction
All external surface are corrosion resistant
and leads are readily solderable
RoHS compliant
Matte Tin (Sn) lead finish
Color band indicates Negative Polarity
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
oCambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Maximum Ratings
Type Number
Symbol
Value
Units
Repetitive Peak Reverse Voltage
VRRM
250
V
Average Rectified Forward Current
IF(AV)
200
mA
Non- Repetitive Peak Forward Surge Current
Pulse Width =1.0 Second
Pulse Width = 1.0 usecond
IFSM
1.0
4.0
A
Power Dissipation
Pd
500
mW
Operating and Storage Temperature Range
TJ, TSTG
-65 to + 200
OC
Electrical Characteristics
Type Number
Symbol
Min
Max
Units
Breakdown Voltage
BAV100
IR=100uA
BAV101
IR=100uA
BAV102
IR=100uA
BAV103
IR=100uA
BV
60
120
200
250
V
Forward Voltage
IF= 100mA
VF
1.0
V
Peak Reverse Current
BAV100
VR=50V
BAV101
VR=100V
BAV102
VR=150V
BAV103
VR=200V
IR
-
100
100
100
100
nA
Thermal Resistance, Junction to Ambient
RӨJA
350
oC/W
Junction Capacitance
VR=0, f=1.0MHz
Cj
-
5.0
pF
Reverse Recovery Time (Note)
trr
-
50
nS
Notes: Reverse Recovery Test Conditions: IF=IR=30mA, Irr=3mA, RL=100Ω.
Version: A07


Similar Part No. - BAV100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV100 PHILIPS-BAV100 Datasheet
34Kb / 8P
General purpose diodes
1996 Sep 17
logo
Vishay Siliconix
BAV100 VISHAY-BAV100 Datasheet
54Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
General Semiconductor
BAV100 GE-BAV100 Datasheet
144Kb / 4P
Small Signal Diodes
logo
Diotec Semiconductor
BAV100 DIOTEC-BAV100 Datasheet
133Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
logo
Semikron International
BAV100 SEMIKRON-BAV100 Datasheet
81Kb / 2P
Ultrafast silicon rectifier diodes
More results

Similar Description - BAV100

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LL4448 TSC-LL4448 Datasheet
44Kb / 1P
500mW Hermetically Sealed Glass Fast Switching Diodes
LL914B TSC-LL914B Datasheet
69Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
LS4448 TSC-LS4448 Datasheet
91Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
LL4148L TSC-LL4148L Datasheet
911Kb / 3P
500mW Hermetically Sealed Glass Fast Switching Diodes
MTZJ TSC-MTZJ Datasheet
126Kb / 5P
500mW Hermetically Sealed Glass Zener Diodes
LL4148L TSC-LL4148L_15 Datasheet
223Kb / 5P
500mW Hermetically Sealed Glass Fast Switching Diodes
MTZJ2V0A TSC-MTZJ2V0A Datasheet
334Kb / 8P
500mW, Hermetically Sealed Glass Zener Diodes
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
500mW, Hermetically Sealed Glass Zener Diodes
logo
Guangdong Juxing Electr...
LL4148 JUXING-LL4148 Datasheet
548Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
LLZ2V0 JUXING-LLZ2V0 Datasheet
636Kb / 3P
500mW Hermetically Sealed Glass Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com