Electronic Components Datasheet Search
  English  ▼

X  

STR2A152 Datasheet(PDF) 13 Page - Sanken electric

Part # STR2A152
Description  DIP8 package, connecting one side (pin5 to pin8) with a power MOSFET drain.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR2A152 Datasheet(HTML) 13 Page - Sanken electric

Back Button STR2A152 Datasheet HTML 9Page - Sanken electric STR2A152 Datasheet HTML 10Page - Sanken electric STR2A152 Datasheet HTML 11Page - Sanken electric STR2A152 Datasheet HTML 12Page - Sanken electric STR2A152 Datasheet HTML 13Page - Sanken electric STR2A152 Datasheet HTML 14Page - Sanken electric STR2A152 Datasheet HTML 15Page - Sanken electric STR2A152 Datasheet HTML 16Page - Sanken electric STR2A152 Datasheet HTML 17Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
STR2A100 SERIES APPLICATION NOTE
Rev. 0.3
Copy Right: SANKEN ELECTRIC CO., LTD.
Page.13
Figure 7-13
Output current at OCP
without input compensation
Variation resulting
from detection delay time
Low AC input
High AC input
Output current, IOUT
During the transition to the burst-oscillation, if VCC terminal voltage decreases to VCC(BIAS)= 9.5V(TYP), Bias
Assist Function is activated and stabilizes the standby mode operation, because ISTARTUP is provided to VCC
terminal so that VCC terminal voltage does not decrease to VCC(OFF).
However, if Bias Assist Function is always activated during standby mode, the power loss increases. Therefore
VCC terminal voltage should be more than VCC(BIAS), for example, by adjusting the turns ratio between auxiliary
winding and secondary winding and/or R2 in figure 7-5.
7.5
Random Switching Function
The IC modulates its switching frequency randomly within △f= 5kHz of Average Switching Frequency,
fOSC(AVE)= 67kHz(TYP), by superposing the modulating frequency on fOSC(AVE) in normal operation.
The conduction noise with this function is smaller than that without this function, and this function simplifies
noise filtering of the input lines of power supply.
7.6
Latch Function
The latch function stops switching operation and a protection state is latched when OVP and/or TSD protection
functions activate.
After stopping switching operation with latch mode, VCC terminal voltage drops. When VCC terminal voltage
decreases to VCC(BIAS)= 9.5V(TYP), Bias Assist Function is activated to prevent VCC terminal voltage from
reaching VCC(OFF), and then the latch function is maintained.
Releasing the latch function can be done when VCC terminal voltage reaches VCC(OFF) or less by simply turning
off the AC input.
7.7
Overcurrent Protection Function (OCP)
Overcurrent Protection Function (OCP) detects each drain peak current level of a power MOSFET on
pulse-by-pulse basis, and limits the output power. This function incorporates AC Input Compensation Function
to reduce OCP point variation for AC input voltage, without any additional external components.
This OCP function detects the drain current by a current detection resistor, ROCP, which is connected between
S/OCP terminal and GND terminal. When the voltage drop on both sides of ROCP increases to internal OCP
threshold voltage, the power MOSFET is turned off.
PWM control ICs usually have some detection delay time on
OCP detection. The steeper the slope of actual drain current in
high AC input voltage is, the longer the actual detection point is,
compared with internal OCP threshold voltage. And thus the
actual OCP point limited the output current usually has some
variation depending on AC input voltage as shown in figure 7-13.
The IC incorporates a built-in Input Compensation Function that
superposes a signal with a defined slope to the detection signal on
S/OCP terminal as shown in figure 7-14.
When AC input voltage is lower and the ON-duty cycle is wider,
the OCP compensation level increases. And thus the OCP point
in low AC input voltage increases to minimize the difference of
OCP points between low AC input voltage and high AC input
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com