Electronic Components Datasheet Search
  English  ▼

X  

FRAMES4DOCS Datasheet(PDF) 1 Page - Beaverswood

Part # FRAMES4DOCS
Description  Document Display
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEAVERSWOOD [Beaverswood]
Direct Link  https://www.beaverswood.co.uk/
Logo BEAVERSWOOD - Beaverswood

FRAMES4DOCS Datasheet(HTML) 1 Page - Beaverswood

  FRAMES4DOCS Datasheet HTML 1Page - Beaverswood  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
part of
part of
All the above data is for reference only.
Product Specification
February 2016
Material Specification
Envelope Material
CLL-S High optical quality clear
gloss PVC suited to silkscreen,
with high impact strength
Self-adhesive Fixing
Closed cell polyethylene cross
linked foam
Temperature range: -40oC to 90oC
(when applied at ambient)
Magnetic Fixing
Isotropic Magnetic Flexible
Extrusion (Matched Poles)
comprising of strontium ferrite
in a synthetic rubber binder and
magnetized multi-pole on one face.
Flexibility: At 20oC can be curved
to 25mm radius without cracking.
Features and Benefits
• Enables documents to be
framed and displayed
• Available in sizes to fit A2, A3,
A4 and A5
• Magnetic and self-adhesive
fixing available
frames4docs®
Document Display
Temperature range: -30oC to 55oC (above 50oC magnetic losses
occur). Attached with modified acrylic adhesive polyester tape,
temp range -30oC to 175oC. Adhesion @70oC: 20N/20mm.
Adhesive type
Modified acrylic
Both faces
Tape thickness (no liner)
1.5 mm
Release liner type/colour
Siliconised brown paper
0.075mm thick
Foam density
67 kg M3
Peel adhesion @23°C
22 n/ 25mm
To foam tear
Peel adhesion @70°C
14 n/25mm
To foam tear
Shear @23°C
400+ hours
1kg on 25mm2
Ageing and UV resistance
Excellent and Good
Shelf life
2 years
@ 20°C, 65%RH
Parameter
Specification
Test Method
Thickness
> 300 - 950μm ± 5%
Density
1.32 ± 0.01 g/cm³
ASTM D-792 DIN53479
Vicat softening point
1kg / in oil / as stacked samples
72 ± 2oC
ISO 306-A50
Vicat softening point
5kg / in oil / as stacked samples
81 ± 2oC
ISO 306-A50
Tensile yield strength (MD)
44 ± 3 N/mm2
ISO 527
Elongation at yield (MD)
6 ± 1%
ISO 527
Tensile strength at break (MD)
35 ± 3 N/mm2
ISO 527
Elongation at break (MD)
> 50%
ISO 527
Impact test
> 600 KJ/m2
ISO 8256
Elongation at impact
13 ± 2mm
ISO 8256
Water absorption
0.04 ± 0.02%
ASTM D-570 DIN53495


Similar Part No. - FRAMES4DOCS

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
FRAME-IT-1 ZORAN-FRAME-IT-1 Datasheet
229Kb / 2P
Video Deinterlacer
logo
SOVICO corp.
FRAME12 SOVICO-FRAME12 Datasheet
214Kb / 1P
Rigging frame
FRAME6 SOVICO-FRAME6 Datasheet
192Kb / 1P
Rigging frame for H6L
FRAME8 SOVICO-FRAME8 Datasheet
652Kb / 1P
Rigging frame
More results

Similar Description - FRAMES4DOCS

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
IPS-XPS ZORAN-IPS-XPS Datasheet
79Kb / 2P
XPS Document Interpreter
logo
Toshiba Semiconductor
TMP47C101PG TOSHIBA-TMP47C101PG Datasheet
2Mb / 42P
Document Change Notification
logo
Rohm
BA4558F-DXE2 ROHM-BA4558F-DXE2 Datasheet
290Kb / 3P
Design support Document
logo
LUMEX INC.
LCM-S12864GSF LUMEX-LCM-S12864GSF Datasheet
127Kb / 2P
UNCONTROLLED DOCUMENT
LDD-C512RI LUMEX-LDD-C512RI Datasheet
46Kb / 1P
UNCONTROLLED DOCUMENT
LCM-S02004DSR LUMEX-LCM-S02004DSR Datasheet
110Kb / 2P
UNCONTROLLED DOCUMENT
logo
List of Unclassifed Man...
LI0805G301R-10 ETC2-LI0805G301R-10 Datasheet
173Kb / 1P
UNCONTROLLED DOCUMENT
logo
LUMEX INC.
LDM-13488MI LUMEX-LDM-13488MI Datasheet
70Kb / 1P
UNCONTROLLED DOCUMENT
LDS-A302RI LUMEX-LDS-A302RI Datasheet
58Kb / 1P
UNCONTROLLED DOCUMENT
logo
STMicroelectronics
AN3286 STMICROELECTRONICS-AN3286 Datasheet
1Mb / 42P
This document describes
26-Aug-2011
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com