Electronic Components Datasheet Search
  English  ▼

X  

DAC5573IPWR Datasheet(PDF) 19 Page - Texas Instruments

Part # DAC5573IPWR
Description  QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I 2 C INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC5573IPWR Datasheet(HTML) 19 Page - Texas Instruments

Back Button DAC5573IPWR Datasheet HTML 15Page - Texas Instruments DAC5573IPWR Datasheet HTML 16Page - Texas Instruments DAC5573IPWR Datasheet HTML 17Page - Texas Instruments DAC5573IPWR Datasheet HTML 18Page - Texas Instruments DAC5573IPWR Datasheet HTML 19Page - Texas Instruments DAC5573IPWR Datasheet HTML 20Page - Texas Instruments DAC5573IPWR Datasheet HTML 21Page - Texas Instruments DAC5573IPWR Datasheet HTML 22Page - Texas Instruments DAC5573IPWR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
www.ti.com
Master Transmitter Writing to a Slave Receiver (DAC5573) in Standard/Fast Modes
DAC5573
SLAS401 – NOVEMBER 2003
All write access sequences begin with the device address (with R/W = 0) followed by the control byte. This
control byte specifies the operation mode of DAC5573 and determines which channel of DAC5573 is being
accessed in the subsequent read/write operation. The LSB of the control byte (PD0-Bit) determines whether the
following data is power-down data or regular data.
With (PD0-Bit = 0) the DAC5573 expects to receive data in the following sequence HIGH-BYTE –LOW-BYTE –
HIGH-BYTE – LOW-BYTE..., until a STOP Condition or REPEATED START Condition on the I
2C bus is
recognized (refer to the DATA INPUT MODE section of Table 4).
With (PD0-Bit = 1) the DAC5573 expects to receive 2 bytes of power-down data (refer to the POWER DOWN
MODE section of Table 4).
Table 4. Write Sequence in F/S Mode
DATA INPUT MODE
Transmitter
MSB
6
5
4
3
2
1
LSB
Comment
Master
Start
Begin sequence
Master
1
0
0
1
1
A1
A0
R/W
Write addressing (R/W=0)
DAC5573
DAC5573 Acknowledges
Master
A3
A2
Load 1
Load 0
x
Buff Sel 1
Buff Sel 0
PD0
Control byte (PD0=0)
DAC5573
DAC5573 Acknowledges
Master
D7
D6
D5
D4
D3
D2
D1
D0
Writing data word, high byte
DAC5573
DAC5573 Acknowledges
Master
x
x
x
x
x
x
x
x
Writing data word, low byte
DAC5573
DAC5573 Acknowledges
Master
Data or Stop or Repeated Start(1)
Data or done(2)
POWER DOWN MODE
Transmitter
MSB
6
5
4
3
2
1
LSB
Comment
Master
Start
Begin sequence
Master
1
0
0
1
1
A1
A0
R/W
Write addressing (R/W=0)
DAC5573
DAC5573 Acknowledges
Master
A3
A2
Load 1
Load 0
x
Buff Sel 1
Buff Sel 0
PD0
Control byte (PD0 = 1)
DAC5573
DAC5573 Acknowledges
Master
PD1
PD2
0
0
0
0
0
0
Writing data word, high byte
DAC5573
DAC5573 Acknowledges
Master
x
x
x
x
x
x
x
x
Writing data word, low byte
DAC5573
DAC5573 Acknowledges
Master
Stop or Repeated Start(1)
Done
(1)
Use repeated START to secure bus operation and loop back to the stage of write addressing for next Write.
(2)
Once DAC5573 is properly addressed and control byte is sent, HIGH-BYTE-LOW-BYTE sequences can repeat until a STOP condition
or repeated START condition is received.
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com