Electronic Components Datasheet Search
  English  ▼

X  

DAC7634EB Datasheet(PDF) 22 Page - Texas Instruments

Part # DAC7634EB
Description  16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7634EB Datasheet(HTML) 22 Page - Texas Instruments

Back Button DAC7634EB Datasheet HTML 18Page - Texas Instruments DAC7634EB Datasheet HTML 19Page - Texas Instruments DAC7634EB Datasheet HTML 20Page - Texas Instruments DAC7634EB Datasheet HTML 21Page - Texas Instruments DAC7634EB Datasheet HTML 22Page - Texas Instruments DAC7634EB Datasheet HTML 23Page - Texas Instruments DAC7634EB Datasheet HTML 24Page - Texas Instruments DAC7634EB Datasheet HTML 25Page - Texas Instruments DAC7634EB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
www.ti.com
DIGITAL INTERFACE
SERIAL DATA INPUT
DAC7634
SBAS134B – JULY 2004 – REVISED DECEMBER 2005
The DAC code, quick load control, and address are
provided via a 24-bit serial interface (see Figure 15).
Table 1 shows the basic control logic for the
The first two bits select the input register that is
DAC7634. The interface consists of a signal data
updated when LOAD goes LOW. The third bit is a
clock (CLK) input, serial data (SDI), DAC input
Quick Load bit such that if HIGH, the code in the shift
register load control signal (LOAD), and DAC register
register is loaded into ALL DAC's input register when
load control signal (LDAC). In addition, a chip select
LOAD signal goes LOW. If the Quick Load bit is
(CS) input is available to enable serial communication
LOW, the content of shift register is loaded only to
when
there
are
multiple
serial
devices.
An
the DAC input register that is addressed. The Quick
asynchronous reset (RST) input, by the rising edge,
Load bit is followed by five unused bits. The last
is provided to simplify start-up conditions, periodic
sixteen bits (MSB first) are the DAC code.
resets, or emergency resets to a known state,
depending on the status of the reset select (RSTSEL)
signal.
B23
B22
B21
B20
B19
B18
B17
B16
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
QUICK
A1
A0
X
X
X
X
X
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
LOAD
Table 1. DAC7634 Logic Truth Table(1)
INPUT
DAC
A1
A0
CS
RST
RSTSEL
LDAC
LOAD
MODE
DAC
REGISTER
REGISTER
L
L
L
H
X
X
L
Write
Hold
Write Input
A
L
H
L
H
X
X
L
Write
Hold
Write Input
B
H
L
L
H
X
X
L
Write
Hold
Write Input
C
H
H
L
H
X
X
L
Write
Hold
Write Input
D
X
X
H
H
X
↑
H
Hold
Write
Update
All
X
X
H
H
X
H
H
Hold
Hold
Hold
All
X
X
X
↑
L
X
X
Reset to Zero
Reset to Zero
Reset to Zero
All
X
X
X
↑
H
X
X
Reset to Midscale
Reset to Midscale
Reset to Midscale
All
(1)
If the DAC7634 is the only device on the serial bus, the CS pin can be connected to DGND permanently, which enables the shift register
all the time. In this case, only the CLK operates the serial shift register and all other functions listed in Table 1 should be followed as
shown. The DAC updates on the rising edge of LDAC.
The internal DAC register is edge-triggered and not
gate,
which
controls
the
serial-to-parallel
shift
level-triggered. When the LDAC signal is transitioned
register.
These
two
inputs
are
completely
from LOW to HIGH, the digital word currently in the
interchangeable. In addition, care must be taken with
DAC input register is latched. The first set of registers
the state of CLK when CS rises at the end of a serial
(the DAC input registers) are level-triggered via the
transfer. If CLK is LOW when CS rises, the OR gate
LOAD signal. This double-buffered architecture has
provides a rising edge to the shift register, shifting the
been designed so that new data can be entered for
internal data one additional bit. The result will be
each DAC without disturbing the analog outputs.
incorrect data and possible selection of the wrong
When the new data has been entered into the device,
input register(s). If both CS and CLK are used, CS
all of the DAC outputs can be updated simultaneously
should rise only when CLK is HIGH. If not, then either
by the rising edge of LDAC. Additionally, it allows the
CS or CLK can be used to operate the shift register.
DAC input registers to be written to at any point, then
See Table 2 for more information.
the DAC output voltages can be synchronously
changed via a trigger signal (LDAC).
Note that CS and CLK are combined with an OR
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com