Electronic Components Datasheet Search
  English  ▼

X  

DDC316 Datasheet(PDF) 12 Page - Texas Instruments

Part # DDC316
Description  16-Channel, Current-Input Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DDC316 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DDC316 Datasheet HTML 8Page - Texas Instruments DDC316 Datasheet HTML 9Page - Texas Instruments DDC316 Datasheet HTML 10Page - Texas Instruments DDC316 Datasheet HTML 11Page - Texas Instruments DDC316 Datasheet HTML 12Page - Texas Instruments DDC316 Datasheet HTML 13Page - Texas Instruments DDC316 Datasheet HTML 14Page - Texas Instruments DDC316 Datasheet HTML 15Page - Texas Instruments DDC316 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Ranges
FREQUENCY RESPONSE
Resolution
0
-10
-20
-30
-40
-50
0.1
t
INT
100
t
INT
1
t
INT
10
t
INT
Frequency
Data Format
OPERATION SETTINGS
DDC316
SBAS370A – MARCH 2008 – REVISED APRIL 2009......................................................................................................................................................... www.ti.com
There are three different capacitors available on-chip
The frequency response of the DDC316 is set by the
for both sides of every channel in the DDC316. The
front-end
integrators
and
is
consistent
with
a
range control bits (Range[1:0]) change the capacitor
traditional continuous time integrator, as shown in
value for all integrators. Consequently, all inputs and
Figure 8. By adjusting tINT, the user can change the
both sides of each input always have the same
3dB bandwidth and the location of the notches in the
full-scale (FS) range. Table 1 shows the capacitor
response. The frequency response of the ADC that
value selected for each range selection.
follows the front-end integrator is of no consequence
because the converter samples a held signal from the
Table 1. Range Selection
integrators. That is, the input to the ADC is always a
DC signal. Aliasing can occur because the output of
RANGE[1:0]
CF
INPUT RANGE
the front-end integrators are sampled. Whenever the
RANGE
BITS
(pF, typ)
(pC, typ)
frequency of the input signal exceeds one-half of the
1
00
0.75
–0.0469 to 3
sampling rate, the signal folds back down to lower
2
01
1.5
–0.0938 to 6
frequencies.
3
10
3
–0.1876 to 12
The DDC316 provides three different resolutions for
the convenience of the user. The user can select the
resolution needed for the application and the time
available for data retrieval. The three available
resolutions are 16-bit, 14-bit, and 12-bit. The serial
output data from the DDC316 are provided in an
offset binary code, as shown in Table 2. The RES
bits in the configuration register select how many bits
are used in the output word. When 12-bits are
selected, the last four bits are truncated; when 14-bits
are chosen, the last two bits are truncated. Note that
an offset is included in the output to allow slightly
negative inputs (for example, from board leakages)
from clipping the reading. The offset is approximately
1.8% of the positive full-scale.
Figure 8. DDC316 Frequency Response
The DDC316 outputs 12 to 16 bits of data depending
The DDC316 provides different settings of operation
on the selected resolution. The format is straight
to provide flexibility in terms of range, resolution, etc.
binary with an offset to help prevent leakage currents
The settings are programmable using an on-chip
from the printed circuit board (PCB), or the sensors
register and are described in the following sections.
forcing a clipping on the negative full-scale. Table 2
summarizes the ideal output codes for the different
resolutions.
Table 2. Ideal Output Code(1) vs Input Signal
INPUT
IDEAL OUTPUT CODE
IDEAL OUTPUT CODE
IDEAL OUTPUT CODE
SIGNAL
RESOLUTION = 16 BITS
RESOLUTION = 14 BITS
RESOLUTION = 12 BITS
≥ 100% FS
1111 1111 1111 1111
1111 1111 1111 11
1111 1111 1111
0.07019% FS
0000 0100 1100 0000
0000 0100 1100 00
0000 0100 1100
0.02136% FS
0000 0100 1010 0000
0000 0100 1010 00
0000 0100 1010
0.00305% FS
0000 0100 1001 0100
0000 0100 1001 01
0000 0100 1001
0.001525% FS
0000 0100 1001 0011
0000 0100 1001 00
0000 0100 1001
0% FS
0000 0100 1001 0010
0000 0100 1001 00
0000 0100 1001
–1.7857% FS
0000 0000 0000 0000
0000 0000 0000 00
0000 0000 0000
(1)
Excludes the effects of noise, INL, offset, and gain errors.
12
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): DDC316



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com