Electronic Components Datasheet Search
  English  ▼

X  

LTC3414 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3414
Description  4A, 4MHz, Monolithic Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3414 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3414 Datasheet HTML 8Page - Linear Technology LTC3414 Datasheet HTML 9Page - Linear Technology LTC3414 Datasheet HTML 10Page - Linear Technology LTC3414 Datasheet HTML 11Page - Linear Technology LTC3414 Datasheet HTML 12Page - Linear Technology LTC3414 Datasheet HTML 13Page - Linear Technology LTC3414 Datasheet HTML 14Page - Linear Technology LTC3414 Datasheet HTML 15Page - Linear Technology LTC3414 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC3414
14
3414f
3413 F06
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CITH
470pF
X7R
CSS
1000pF
X7R
RSS
2.2M
ROSC
294k
RITH
12.1k
RPG
100k
CC
100pF
X7R
R2
200k
PGND
RT
SYNC/MODE
RUN/SS
SGND
NC
PVIN
SW
SW
PGND
PGND
VFB
ITH
PGOOD
SVIN
NC
PVIN
SW
SW
PGND
LTC3414
COUT**
100
µF
2x
L1*
0.47
µH
CIN1**
100
µF
2x
CIN2***
220
µF
C1
22pF
X7R
R1
422k
VOUT
2.5V
4A
VIN
3.3V
PGOOD
*
**
***
VISHAY DALE IHLP-2525CZ-01
TDK C4532X5ROJ107M
SANYO POSCAP 4TPB220M
1.25MHz
CLOCK
+
3.3V, 4A Step-Down Regulator at 1MHz, Forced Continuous Mode
3413 F05
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CITH
470pF
X7R
CSS
1000pF
X7R
RSS
2.2M
ROSC
294k
RITH
12.1k
RPG
100k
CC
100pF
X7R
R2
200k
PGND
RT
SYNC/MODE
RUN/SS
SGND
NC
PVIN
SW
SW
PGND
PGND
VFB
ITH
PGOOD
SVIN
NC
PVIN
SW
SW
PGND
LTC3414
COUT**
100
µF
2x
L1*
0.68
µH
CIN1
22
µF
X5R
2x
CIN2***
150
µF
C1
22pF
X7R
R1
634k
VOUT
3.3V
4A
VIN
5V
PGOOD
*
**
***
MURATA LQH66SNR68M03L
TDK C4532X5ROJ107M
SANYO POSCAP 6TPE150M
+
2.5V, 4A Step-Down Regulator at 1.25MHz, Synchronized to an External Clock
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com