Electronic Components Datasheet Search
  English  ▼

X  

TS31002 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS31002
Description  Tong Ringer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS31002 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS31002 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS31002 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS31002 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS31002 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS31002 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS31002 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS31002 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS31002 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS31002
Tong Ringer
1/8
Version: A07
SOP-8
DIP-8
General Description
The TS31002 is a bipolar integrated circuit designed for telephone bell replacement.
Features
●
D
esigned for Telephone Bell Replacement
●
Low Current Drain
●
Adjustable 2-frequency Tone
●
Adjustable Warbling Rate
●
Extension Tone Ringer Modules
●
Alarms or Other Alerting Devices
●
Adjustable for Reduced Supply Initiation Current.
●
Built-in hysteresis prevents false triggering and rotary
dial ‘Chirps’.
Ordering Information
Part No.
Package
Packing
TS31002CD C3
DIP-8
50pcs / Tube
TS31002CS RL
SOP-8
2.5Kpcs / 13” Reel
Block Diagram
Pin Definition:
1. VCC
5. Gnd
2. Rsl
6. Hfo
3. Lfi
7. Hfi
4. Lfo
8. Out


Similar Part No. - TS31002

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS31002 TSC-TS31002 Datasheet
175Kb / 6P
Tong Ringer
TS31002CD TSC-TS31002CD Datasheet
175Kb / 6P
Tong Ringer
TS31002CS TSC-TS31002CS Datasheet
175Kb / 6P
Tong Ringer
More results

Similar Description - TS31002

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8500 SANYO-LA8500 Datasheet
51Kb / 2P
Tone Ringer
logo
System Logic Semiconduc...
SL2411 SLS-SL2411 Datasheet
50Kb / 6P
Tone Ringer
logo
Daewoo Semiconductor
DBL5001 DAEWOO-DBL5001 Datasheet
317Kb / 6P
TONE RINGER
logo
AUK corp
SL5001P-2P AUK-SL5001P-2P Datasheet
291Kb / 8P
TONE RINGER
logo
Taiwan Semiconductor Co...
TS2411 TSC-TS2411 Datasheet
174Kb / 6P
Tong Ringer
TS31002 TSC-TS31002 Datasheet
175Kb / 6P
Tong Ringer
logo
Integral Corp.
IL2410 INTEGRAL-IL2410 Datasheet
330Kb / 7P
Tone Ringer
logo
KODENSHI_AUK CORP.
KK2410 KODENSHI-KK2410 Datasheet
346Kb / 7P
Tone Ringer
logo
Taiwan Semiconductor Co...
TS2411 TSC-TS2411_1 Datasheet
420Kb / 7P
Tong Ringer
logo
Hangzhou Youwang Electr...
UTC2411 YOUWANG-UTC2411 Datasheet
84Kb / 3P
TONE RINGER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com