Electronic Components Datasheet Search
  English  ▼

X  

ISO721MMDREP.A Datasheet(PDF) 17 Page - Texas Instruments

Part # ISO721MMDREP.A
Description  3.3-V/5-V HIGH-SPEED DIGITAL ISOLATORS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO721MMDREP.A Datasheet(HTML) 17 Page - Texas Instruments

Back Button ISO721MMDREP.A Datasheet HTML 13Page - Texas Instruments ISO721MMDREP.A Datasheet HTML 14Page - Texas Instruments ISO721MMDREP.A Datasheet HTML 15Page - Texas Instruments ISO721MMDREP.A Datasheet HTML 16Page - Texas Instruments ISO721MMDREP.A Datasheet HTML 17Page - Texas Instruments ISO721MMDREP.A Datasheet HTML 18Page - Texas Instruments ISO721MMDREP.A Datasheet HTML 19Page - Texas Instruments ISO721MMDREP.A Datasheet HTML 20Page - Texas Instruments ISO721MMDREP.A Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
APPLICATION INFORMATION
MANUFACTURER CROSS-REFERENCE DATA
1
2
3
4
8
7
6
5
V
I
GND1
EN
GND2
NC
V
O
GND2
IL710
HCPL-xxxx
1
1
1
2
2
2
3
3
3
4
4
4
8
8
8
7
7
7
6
6
6
5
5
5
V
CC1
V
DD1
V
DD1
V
DD1
NC
IN
V
I
V
I
V
CC1
V
DD1
*
GND1
GND1
GND1
V
CC2
V
DD2
V
DD2
V
DD2
V
OE
OUT
V
O
V
O
GND2
GND2
GND2
ISO722
or
ISO722M
ADuM1100
GND2
1
2
3
4
8
7
6
5
V
CC1
IN
V
CC1
GND1
V
CC2
OUT
GND2
ISO721
or
ISO721M
1
2
3
4
5
6
7
8
ISO721
or ISO721M
VCC1
VCC2
IN
OUT
GND1
GND2
INPUT
OUTPUT
0.1mF
0.1mF
20 mm
max .
from
Vcc1
20 mm
max.
from
Vcc2
ISO721M-EP
www.ti.com....................................................................................................................................................................................................... SLLS882 – JUNE 2008
The ISO72xx isolators have the same functional pinout as most other vendors, and they are often pin-for-pin
drop-in replacements. The notable differences in the products are propagation delay, signaling rate, power
consumption, and transient protection rating. Table 1 is used as a guide for replacing other isolators with the
ISO72x family of single channel isolators.
Figure 17. Pin Cross Reference
Table 1. CROSS REFERENCE
PIN 7
ISO721
ISO722
ISOLATOR
PIN 1
PIN 2
PIN 3
PIN 4
PIN 5
PIN 6
PIN 8
OR
OR
ISO721M
ISO722M
ISO721(1)(2)
VCC1
IN
VCC1
GND1
GND2
OUT
GND2
EN
VCC2
ADuM1100(1)(2)
VDD1
VI
VDD1
GND1
GND2
VO
GND2
VDD2
*Leave
HCPL-xxxx
VDD1
VI
GND1
GND2
VO
NC(4)
VDD2
Open(3)
IL710
VDD1
VI
NC(5)
GND1
GND2
VO
VOE
VDD2
(1)
The ISO72xx pin 1 and pin 3 are internally connected together. Either or both may be used as VCC1.
(2)
The ISO721 and ISO721M pin 5 and pin 7 are internally connected together. Either or both may be used as GND2.
(3)
Pin 3 of the HCPL devices must be left open. This is not a problem when substituting an ISO72xx device since the extra VCC1 on pin 3
may be left an open circuit as well.
(4)
An HCPL device PIN 7 must be left floating (open) or grounded when an ISO722 or ISO722M device is to be used as a drop-in
replacement. If pin 7 of the ISO722 or ISO722M device is placed in a high logic state, the output of the device is disabled
(5)
Pin 3 of the IL710 must not be tied to ground on the circuit board since this shorts the ISO72xx's VCC1 to ground. The IL710 pin 3 may
only be tied to VCC or left open to drop in an ISO72xx.
Figure 18. Basic Application Circuit
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): ISO721M-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com