Electronic Components Datasheet Search
  English  ▼

X  

INA271AIDR Datasheet(PDF) 4 Page - Texas Instruments

Part # INA271AIDR
Description  INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA271AIDR Datasheet(HTML) 4 Page - Texas Instruments

  INA271AIDR Datasheet HTML 1Page - Texas Instruments INA271AIDR Datasheet HTML 2Page - Texas Instruments INA271AIDR Datasheet HTML 3Page - Texas Instruments INA271AIDR Datasheet HTML 4Page - Texas Instruments INA271AIDR Datasheet HTML 5Page - Texas Instruments INA271AIDR Datasheet HTML 6Page - Texas Instruments INA271AIDR Datasheet HTML 7Page - Texas Instruments INA271AIDR Datasheet HTML 8Page - Texas Instruments INA271AIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
INA270, INA271
SBOS381E – FEBRUARY 2007 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: INA270 INA271
Submit Documentation Feedback
Copyright © 2007–2018, Texas Instruments Incorporated
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±3000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±750
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCM
Common-mode input voltage
–16
12
80
V
VS
Operating supply voltage
2.7
5
18
V
TA
Operating free-air temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
INA27x
UNIT
D (SOIC)
8 PINS
RθJA
Junction-to-ambient thermal resistance
78.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
71.6
°C/W
RθJB
Junction-to-board thermal resistance
68.2
°C/W
ψJT
Junction-to-top characterization parameter
22.0
°C/W
ψJB
Junction-to-board characterization parameter
67.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com