Electronic Components Datasheet Search
  English  ▼

X  

LM2664 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM2664
Description  LM2664 Switched Capacitor Voltage Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2664 Datasheet(HTML) 4 Page - Texas Instruments

  LM2664 Datasheet HTML 1Page - Texas Instruments LM2664 Datasheet HTML 2Page - Texas Instruments LM2664 Datasheet HTML 3Page - Texas Instruments LM2664 Datasheet HTML 4Page - Texas Instruments LM2664 Datasheet HTML 5Page - Texas Instruments LM2664 Datasheet HTML 6Page - Texas Instruments LM2664 Datasheet HTML 7Page - Texas Instruments LM2664 Datasheet HTML 8Page - Texas Instruments LM2664 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LM2664
SNVS005E – NOVEMBER 1999 – REVISED DECEMBER 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Supply voltage (V+ to GND, or GND to OUT)
5.8
V
SD
(GND
− 0.3)
(V+ + 0.3)
V
V+ and OUT continuous output current
50
mA
Output short-circuit duration to GND(3)
1
sec.
Continuous power dissipation (TA = 25°C)
(4)
600
mW
TJMax
(4)
150
°C
Lead temp. (soldering, 10 seconds)
300
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
OUT may be shorted to GND for one second without damage. However, shorting OUT to V+ may damage the device and should be
avoided. Also, for temperatures above 85°C, OUT must not be shorted to GND or V+, or device may be damaged.
(4)
The maximum allowable power dissipation is calculated by using PDMax = (TJMax − TA)/RθJA, where TJMax is the maximum junction
temperature, TA is the ambient temperature, and RθJA is the junction-to-ambient thermal resistance of the specified package.
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Electrostatic
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
2000
V(ESD)
V
discharge
pins(1)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Operating junction temperature
–40
85
°C
6.4 Thermal Information
LM2664
THERMAL METRIC(1)
DBV
UNIT
6 PINS
RθJA
Junction-to-ambient thermal resistance
210
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LM2664



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com