Electronic Components Datasheet Search
  English  ▼

X  

LM3280 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM3280
Description  LM3280 Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3280 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3280 Datasheet HTML 4Page - Texas Instruments LM3280 Datasheet HTML 5Page - Texas Instruments LM3280 Datasheet HTML 6Page - Texas Instruments LM3280 Datasheet HTML 7Page - Texas Instruments LM3280 Datasheet HTML 8Page - Texas Instruments LM3280 Datasheet HTML 9Page - Texas Instruments LM3280 Datasheet HTML 10Page - Texas Instruments LM3280 Datasheet HTML 11Page - Texas Instruments LM3280 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
0
4
8
12
16
20
OUTPUT CURRENT (mA)
100
80
60
20
0
40
TA = 85
oC
TA = 25
oC
TA = -30
oC
0
10
20
30
40
50
60
OUTPUT CURRENT (V)
0.0
TA = -30°C
0.5
1.0
1.5
2.0
2.5
3.0
3.5
TA = 85°C
TA = 25°C
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
2.830
IOUT = 1 mA
IOUT = 10 mA
IOUT = 20 mA
2.835
2.840
2.845
2.850
2.855
2.860
2.865
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE (°C)
2.830
IOUT = 1 mA
IOUT = 10 mA
IOUT = 20 mA
2.835
2.840
2.845
2.850
2.855
2.860
2.865
LDO
20 Ps/DIV
500 mV/DIV
5V/DIV
ENLDO
VIN = 3.0V
COUT = 1 éF
No Load
10 Ps/DIV
1 mA
10 mV/DIV
AC Coupled
IOUT
LDO
10 mA
LM3280
SNOSAU4B – OCTOBER 2006 – REVISED FEBRUARY 2013
www.ti.com
Typical Performance Characteristics (continued)
(VIN = ENBUCK = 3.6V, ENLDOx = BYP = 0V, TA = 25°C, unless otherwise noted)
LDO Turn OFF
LDO Load Transient Response
(ENLDO = High to Low)
(COUT = 1µF)
Figure 9.
Figure 10.
LDO Voltage
LDO Voltage
vs
vs
Supply Voltage
Temperature
Figure 11.
Figure 12.
LDO Dropout Voltage
LDO Voltage vs
vs
Output Current
Output Current
(VIN = 3.6V)
Figure 13.
Figure 14.
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com