Electronic Components Datasheet Search
  English  ▼

X  

LM3480 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM3480
Description  LM3480 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3480 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3480 Datasheet HTML 9Page - Texas Instruments LM3480 Datasheet HTML 10Page - Texas Instruments LM3480 Datasheet HTML 11Page - Texas Instruments LM3480 Datasheet HTML 12Page - Texas Instruments LM3480 Datasheet HTML 13Page - Texas Instruments LM3480 Datasheet HTML 14Page - Texas Instruments LM3480 Datasheet HTML 15Page - Texas Instruments LM3480 Datasheet HTML 16Page - Texas Instruments LM3480 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
VOUT
VIN
GND
IN
GND
OUT
2
1
3
LM3480
www.ti.com
SNVS011H – JUNE 1999 – REVISED SEPTEMBER 2015
9 Power Supply Recommendations
The LM3480 is designed to operated from up to a 30-V input voltage supply. This input supply must be well
regulated. If the input supply is noisy, additional input capacitors with low ESR can help to improve the output
noise performance.
10 Layout
10.1 Layout Guidelines
For best overall performance, place all the circuit components on the same side of the circuit board and as near
as practical to the respective LDO pin connections. Place ground return connections to the input and output
capacitors, and to the LDO ground pin as close to each other as possible, connected by a wide, component-side,
copper surface. The use of vias and long traces to create LDO circuit connections is strongly discouraged and
negatively affects system performance. This grounding and layout scheme minimizes the inductive parasitic, and
thereby reduces load-current transients, minimizes noise, and increases circuit stability.
A ground reference plane is also recommended and is either embedded in the PCB itself or located on the
bottom side of the PCB opposite the components. This reference plane serves to assure accuracy of the output
voltage, shield noise, and behaves similar to a thermal plane to spread heat from the LDO device. In most
applications, this ground plane is necessary to meet thermal requirements.
10.2 Layout Example
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com