Electronic Components Datasheet Search
  English  ▼

X  

LM161 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM161
Description  LM161/LM361 High Speed Differential Comparators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM161 Datasheet(HTML) 1 Page - Texas Instruments

  LM161 Datasheet HTML 1Page - Texas Instruments LM161 Datasheet HTML 2Page - Texas Instruments LM161 Datasheet HTML 3Page - Texas Instruments LM161 Datasheet HTML 4Page - Texas Instruments LM161 Datasheet HTML 5Page - Texas Instruments LM161 Datasheet HTML 6Page - Texas Instruments LM161 Datasheet HTML 7Page - Texas Instruments LM161 Datasheet HTML 8Page - Texas Instruments LM161 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM161, LM361
www.ti.com
SNOSBJ5C – MAY 1999 – REVISED MARCH 2013
LM161/LM361 High Speed Differential Comparators
Check for Samples: LM161, LM361
1
FEATURES
DESCRIPTION
The LM161/LM361 is a very high speed differential
2
•
Independent strobes
input, complementary TTL output voltage comparator
•
Ensured high speed:
20 ns max
with improved characteristics over the SE529/NE529
•
Tight delay matching on both outputs
for which it is a pin-for-pin replacement. The device
has been optimized for greater speed performance
•
Complementary TTL outputs
and lower input offset voltage. Typically delay varies
•
Operates from op amp supplies:
±15V
only 3 ns for over-drive variations of 5 mV to 500 mV.
•
Low speed variation with overdrive variation
It may be operated from op amp supplies (±15V).
•
Low input offset voltage
Complementary outputs having maximum skew are
•
Versatile supply voltage range
provided. Applications involve high speed analog to
digital converters and zero-crossing detectors in disk
file systems.
CONNECTION DIAGRAMS
SOIC or PDIP Package
Figure 1. Top View
Package Numbers D0014A, NFF0014A
TO-100 Package
Figure 2. Package Number LME0010C
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM161

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM161 NSC-LM161 Datasheet
271Kb / 10P
High Speed Differential Comparators
logo
Seoul Semiconductor
LM161 SEOUL-LM161 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM161 SEOUL-LM161 Datasheet
360Kb / 13P
CYAN LAMP LED
LM161 SEOUL-LM161 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM161 SEOUL-LM161 Datasheet
392Kb / 14P
RED OVAL LAMP LED
More results

Similar Description - LM161

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM161 NSC-LM161 Datasheet
271Kb / 10P
High Speed Differential Comparators
logo
Texas Instruments
TL331I TI-TL331I Datasheet
156Kb / 3P
DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8143 AD-AD8143 Datasheet
577Kb / 24P
High Speed, Triple Differential Receiver with Comparators
10/05-Revision 0
AD8145 AD-AD8145 Datasheet
584Kb / 24P
High Speed, Triple Differential Receiver with Comparators
10/06-Revision 0
AD8145WYCPZ-R7 AD-AD8145WYCPZ-R7 Datasheet
464Kb / 24P
High Speed, Triple Differential Receiver with Comparators
REV. A
logo
Texas Instruments
LM161 TI1-LM161_14 Datasheet
990Kb / 17P
LM161/LM361 High Speed Differential Comparators
logo
Analog Devices
AD8143 AD-AD8143_15 Datasheet
575Kb / 24P
High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8145 AD-AD8145_15 Datasheet
464Kb / 24P
High Speed, Triple Differential Receiver with Comparators
REV. A
logo
Texas Instruments
LM161 TI1-LM161_15 Datasheet
988Kb / 16P
High Speed Differential Comparators
logo
Analog Devices
AD8143 AD-AD8143_16 Datasheet
639Kb / 24P
High Speed, Triple Differential Receiver with Comparators
4/16-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com