Electronic Components Datasheet Search
  English  ▼

X  

LM79L12 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM79L12
Description  LM79LXXAC Series 3-Terminal Negative Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM79L12 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM79L12 Datasheet HTML 5Page - Texas Instruments LM79L12 Datasheet HTML 6Page - Texas Instruments LM79L12 Datasheet HTML 7Page - Texas Instruments LM79L12 Datasheet HTML 8Page - Texas Instruments LM79L12 Datasheet HTML 9Page - Texas Instruments LM79L12 Datasheet HTML 10Page - Texas Instruments LM79L12 Datasheet HTML 11Page - Texas Instruments LM79L12 Datasheet HTML 12Page - Texas Instruments LM79L12 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
LM79L05ACM/NOPB
Active
Production
SOIC (D) | 8
95 | TUBE
Yes
SN
Level-1-260C-UNLIM
0 to 70
LM79L
05ACM
LM79L05ACM/NOPB.B
Active
Production
SOIC (D) | 8
95 | TUBE
Yes
SN
Level-1-260C-UNLIM
0 to 70
LM79L
05ACM
LM79L05ACMX/NOPB
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
0 to 70
LM79L
05ACM
LM79L05ACMX/NOPB.B
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
0 to 70
LM79L
05ACM
LM79L05ACTL/NOPB
Active
Production
DSBGA (YZR) | 6
250 | SMALL T&R
Yes
SNAGCU
Level-1-260C-UNLIM
0 to 70
P
B
LM79L05ACTL/NOPB.B
Active
Production
DSBGA (YZR) | 6
250 | SMALL T&R
Yes
SNAGCU
Level-1-260C-UNLIM
0 to 70
P
B
LM79L05ACTLX/NOPB
Active
Production
DSBGA (YZR) | 6
3000 | LARGE T&R
Yes
SNAGCU
Level-1-260C-UNLIM
0 to 70
P
B
LM79L05ACTLX/NOPB.B
Active
Production
DSBGA (YZR) | 6
3000 | LARGE T&R
Yes
SNAGCU
Level-1-260C-UNLIM
0 to 70
P
B
LM79L05ACZ/LFT1
Active
Production
TO-92 (LP) | 3
2000 | LARGE T&R
Yes
SN
N/A for Pkg Type
-
320L
79L05
LM79L05ACZ/LFT1.B
Active
Production
TO-92 (LP) | 3
2000 | LARGE T&R
Yes
SN
N/A for Pkg Type
0 to 70
320L
79L05
LM79L05ACZ/NOPB
Active
Production
TO-92 (LP) | 3
1800 | BULK
Yes
SN
N/A for Pkg Type
0 to 70
320L
79L05
LM79L05ACZ/NOPB.B
Active
Production
TO-92 (LP) | 3
1800 | BULK
Yes
SN
N/A for Pkg Type
0 to 70
320L
79L05
LM79L12ACM/NOPB
Active
Production
SOIC (D) | 8
95 | TUBE
Yes
SN
Level-1-260C-UNLIM
0 to 70
LM79L
12ACM
LM79L12ACM/NOPB.B
Active
Production
SOIC (D) | 8
95 | TUBE
Yes
SN
Level-1-260C-UNLIM
0 to 70
LM79L
12ACM
LM79L12ACMX/NOPB
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
0 to 70
LM79L
12ACM
LM79L12ACMX/NOPB.B
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
0 to 70
LM79L
12ACM
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com