Electronic Components Datasheet Search
  English  ▼

X  

TS34119CD Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS34119CD
Description  Low Power Audio Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34119CD Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS34119CD Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS34119CD Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS34119CD Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS34119CD Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS34119CD Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS34119CD Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS34119CD Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS34119CD Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS34119CD Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TS34119
Low Power Audio Amplifier
3/13
Version: A07
Electrical Specifications (Continue)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Amplifiers (DC Characteristics)
VCC=3V, RL=16 (Rf =75K)
1.0
1.15
1.25
Vcc=6V, RL=16 (Rf =75K)
--
2.65
--
Output DC Level @
VO1,VO2
Vo
Vcc=12V, RL=16 (Rf =75K)
--
5.56
--
Vdc
VOH
Iout=-75mA, 2.0 ≤ Vcc ≤ 16V
Vcc-1.0 (typ)
Output Level
VOL
Iout=75mA, 2.0 ≤ Vcc ≤ 16V
--
0.16
--
Vdc
Output DC Offset Voltage
(VO1 – VO2)
ΔVo
Vcc=6V, RL=75KΩ, RL=32Ω
-30
0
+30
mV
Input Bias Current @ Vin
fIB
Vcc=6.0V
--
-100
-200
nA
Equivalent Resistance @
FC1
RFC1
100
150
220
Equivalent Resistance @
FC2
RFC2
Vcc=6.0V
18
25
40
KΩ
Chip Disable (pin 1)
Input Voltage Low
VIL
--
--
0.8
Input Voltage High
VIH
2.0
--
--
Vdc
Power Supply
Vcc=3V, RL=∞, CD=0.8V
--
2.7
4.0
Vcc=16V, RL=∞, CD=0.8V
--
3.3
5.0
mA
Power Supply Current
Icc
Vcc=3V, RL=∞, CD=2V
--
65
100
uA
Note: a. Currents into a pin are positive, currents out of a pin negative.
Typical Temperature Performance ( -20oC < Ta < +70oC)
Function
Condition
Typical Change
Units
Input Bias Current
@ Vin
±40
Pa/
oC
Total Harmonic Distortion
Vcc=6V, RL=32Ω, Po=120mW, f=1kHz
+0.003
%/
oC
Vcc=3V, RL=∞, CD=0V
-2.5
Power Supply Current
Vcc=3V, RL=∞, CD=2V
-0.03
uA/
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com