Electronic Components Datasheet Search
  English  ▼

X  

PW-AXIAL Datasheet(PDF) 1 Page - TT Electronics.

Part # PW-AXIAL
Description  General Purpose Axial Leaded Power Wirewound Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PW-AXIAL Datasheet(HTML) 1 Page - TT Electronics.

  PW-AXIAL Datasheet HTML 1Page - TT Electronics. PW-AXIAL Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Purpose Axial Leaded
Power Wirewound Resistor
PW Axial Series
0.10Ω to 30KΩ
3 watts to 25 watts
±10% or ±5% tolerance
TC’s from 300 ppm/°C to +5500 ppm/°C
Lead free, RoHS compliant construction available
Resistors
06.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
PW Series
• 0.10
Ω to 30KΩ
• 2 watts to 25 watts
• ±10% or ±5% tolerance
• TC’s from 300 ppm/°C to +5500 ppm/°C
• Lead free, RoHS compliant construction available
General Purpose Axial Leaded
Power Wirewound Resistor
Type
Power Rating
@ 25°C
(watts)
Standard
Resistance
Range
(ohms)
Standard Temperature
Coefficient
Special Temperature Coefficients
+0.06%/°C
over R range
+0.03%/°C
over R range
+0.55%/°C
over R range
+0.45%/°C
over R range
+0.25%/°C
over R range
PW-2
2
0.15 to 2.4K
0.15 to 0.99
1.0 to 2.4K
0.1 to 30
0.24 to 130
1.0 to 10
PW-3
3
0.1 to 7.5K
0.1 to 0.99
1.0 to 7.5K
0.1 to 86
0.1 to 270
0.24 to 20
PW-5
5
0.1 to 8.5K
0.1 to 0.99
1.0 to 8.5K
0.1 to 68
0.1 to 300
0.27 to 22
PW-7
7
0.1 to 18K
0.1 to 0.99
1.0 to 18K
0.1 to 150
0.15 to 680
1.0 to 51
PW-10
10
0.18 to 30K
0.18 to 0.99
1.0 to 30K
0.1 to 240
0.24 to 1100
1.0 to 82
PW-15
15
0.18 to 30K
0.18 to 0.99
1.0 to 30K
0.1 to 240
0.24 to 1100
1.0 to 82
PW-18
18
0.18 to 22K
0.18 to 0.99
1.0 to 22K
0.1 to 200
0.24 to 1100
1.0 to 70
PW-22
22
0.27 to 18K
0.27 to 1.3
1.5 to 12K
0.15 to 360
0.36 to 1800
1.0 to 120
PW-25
25
0.27 to 18K
0.27 to 1.3
1.5 to 10K
0.15 to 300
0.36 to 1200
1.5 to 100
Electrical Data
Fireproof high
temperature ceramic
case- stand offs
optional
Alloy resistance
wire on fiberglass
substrate
Inorganic
fireproof
encapsulant
Automatically
clamped termination
lead assembly
Type
L ±0.03 (0.8)
W ±0.03 (0.8)
H ±0.03 (0.8) D Dia. ±0.002 (0.05) E ±0.03 (0.8)
LL min.
F (ref.)
(1.6)
(1.6)
(1.6)
(3.18)
(3.18)
(3.18)
(3.18)
(3.18)
(3.18)
PW-2
PW-3
PW-5
PW-7
PW-10
PW-15
PW-18
PW-22
PW-25
Standard Configuration
L
D
LL
0.125
” Max.
H
W
Alternate Configuration
E
F
General Purpose Axial Leaded
Power Wirewound Resistor
PW Axial Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
1.14
· 0.10Ω to 30KΩ
· 2 watts to 25 watts
· ±10% or ±5% tolerance
· TC’s from 300 ppm/°C to +5500 ppm/°C
· Lead free, RoHS compliant construction available
PW Series
• 0.10
Ω to 30KΩ
• 2 watts to 25 watts
• ±10% or ±5% tolerance
• TC’s from 300 ppm/°C to +5500 ppm/°C
• Lead free, RoHS compliant construction available
General Purpose Axial Leaded
Power Wirewound Resistor
Type
Power Rating
@ 25°C
(watts)
Standard
Resistance
Range
(ohms)
Standard Temperature
Coefficient
Special Temperature Coefficients
+0.06%/°C
over R range
+0.03%/°C
over R range
+0.55%/°C
over R range
+0.45%/°C
over R range
+0.25%/°C
over R range
PW-2
2
0.15 to 2.4K
0.15 to 0.99
1.0 to 2.4K
0.1 to 30
0.24 to 130
1.0 to 10
PW-3
3
0.1 to 7.5K
0.1 to 0.99
1.0 to 7.5K
0.1 to 86
0.1 to 270
0.24 to 20
PW-5
5
0.1 to 8.5K
0.1 to 0.99
1.0 to 8.5K
0.1 to 68
0.1 to 300
0.27 to 22
PW-7
7
0.1 to 18K
0.1 to 0.99
1.0 to 18K
0.1 to 150
0.15 to 680
1.0 to 51
PW-10
10
0.18 to 30K
0.18 to 0.99
1.0 to 30K
0.1 to 240
0.24 to 1100
1.0 to 82
PW-15
15
0.18 to 30K
0.18 to 0.99
1.0 to 30K
0.1 to 240
0.24 to 1100
1.0 to 82
PW-18
18
0.18 to 22K
0.18 to 0.99
1.0 to 22K
0.1 to 200
0.24 to 1100
1.0 to 70
PW-22
22
0.27 to 18K
0.27 to 1.3
1.5 to 12K
0.15 to 360
0.36 to 1800
1.0 to 120
PW-25
25
0.27 to 18K
0.27 to 1.3
1.5 to 10K
0.15 to 300
0.36 to 1200
1.5 to 100
Electrical Data
Fireproof high
temperature ceramic
case- stand offs
optional
Alloy resistance
wire on fiberglass
substrate
Inorganic
fireproof
encapsulant
Automatically
clamped termination
lead assembly
Type
L ±0.03 (0.8)
W ±0.03 (0.8)
H ±0.03 (0.8) D Dia. ±0.002 (0.05) E ±0.03 (0.8)
LL min.
F (ref.)
(1.6)
(1.6)
(1.6)
(3.18)
(3.18)
(3.18)
(3.18)
(3.18)
(3.18)
PW-2
PW-3
PW-5
PW-7
PW-10
PW-15
PW-18
PW-22
PW-25
Standard Configuration
L
D
LL
0.125
” Max.
H
W
Alternate Configuration
E
F
PW Series
• 0.10
Ω to 30KΩ
• 2 watts to 25 watts
• ±10% or ±5% tolerance
• TC’s from 300 ppm/°C to +5500 ppm/°C
• Lead free, RoHS compliant construction available
General Purpose Axial Leaded
Power Wirewound Resistor
Type
Power Rating
@ 25°C
(watts)
Standard
Resistance
Range
(ohms)
Standard Temperature
Coefficient
Special Temperature Coefficients
+0.06%/°C
over R range
+0.03%/°C
over R range
+0.55%/°C
over R range
+0.45%/°C
over R range
+0.25%/°C
over R range
PW-2
2
0.15 to 2.4K
0.15 to 0.99
1.0 to 2.4K
0.1 to 30
0.24 to 130
1.0 to 10
PW-3
3
0.1 to 7.5K
0.1 to 0.99
1.0 to 7.5K
0.1 to 86
0.1 to 270
0.24 to 20
PW-5
5
0.1 to 8.5K
0.1 to 0.99
1.0 to 8.5K
0.1 to 68
0.1 to 300
0.27 to 22
PW-7
7
0.1 to 18K
0.1 to 0.99
1.0 to 18K
0.1 to 150
0.15 to 680
1.0 to 51
PW-10
10
0.18 to 30K
0.18 to 0.99
1.0 to 30K
0.1 to 240
0.24 to 1100
1.0 to 82
PW-15
15
0.18 to 30K
0.18 to 0.99
1.0 to 30K
0.1 to 240
0.24 to 1100
1.0 to 82
PW-18
18
0.18 to 22K
0.18 to 0.99
1.0 to 22K
0.1 to 200
0.24 to 1100
1.0 to 70
PW-22
22
0.27 to 18K
0.27 to 1.3
1.5 to 12K
0.15 to 360
0.36 to 1800
1.0 to 120
PW-25
25
0.27 to 18K
0.27 to 1.3
1.5 to 10K
0.15 to 300
0.36 to 1200
1.5 to 100
Electrical Data
Fireproof high
temperature ceramic
case- stand offs
optional
Alloy resistance
wire on fiberglass
substrate
Inorganic
fireproof
encapsulant
Automatically
clamped termination
lead assembly
Type
L ±0.03 (0.8)
W ±0.03 (0.8)
H ±0.03 (0.8) D Dia. ±0.002 (0.05) E ±0.03 (0.8)
LL min.
F (ref.)
(1.6)
(1.6)
(1.6)
(3.18)
(3.18)
(3.18)
(3.18)
(3.18)
(3.18)
PW-2
PW-3
PW-5
PW-7
PW-10
PW-15
PW-18
PW-22
PW-25
Standard Configuration
L
D
LL
0.125
” Max.
H
W
Alternate Configuration
E
F
General Purpose Axial Leaded
Power Wirewound Resistor
PW Axial Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
1.14
· 0.10Ω to 30KΩ
· 2 watts to 25 watts
· ±10% or ±5% tolerance
· TC’s from 300 ppm/°C to +5500 ppm/°C
· Lead free, RoHS compliant construction available
PW Series
• 0.10
Ω to 30KΩ
• 2 watts to 25 watts
• ±10% or ±5% tolerance
• TC’s from 300 ppm/°C to +5500 ppm/°C
• Lead free, RoHS compliant construction available
General Purpose Axial Leaded
Power Wirewound Resistor
Type
Power Rating
@ 25°C
(watts)
Standard
Resistance
Range
(ohms)
Standard Temperature
Coefficient
Special Temperature Coefficients
+0.06%/°C
over R range
+0.03%/°C
over R range
+0.55%/°C
over R range
+0.45%/°C
over R range
+0.25%/°C
over R range
PW-2
2
0.15 to 2.4K
0.15 to 0.99
1.0 to 2.4K
0.1 to 30
0.24 to 130
1.0 to 10
PW-3
3
0.1 to 7.5K
0.1 to 0.99
1.0 to 7.5K
0.1 to 86
0.1 to 270
0.24 to 20
PW-5
5
0.1 to 8.5K
0.1 to 0.99
1.0 to 8.5K
0.1 to 68
0.1 to 300
0.27 to 22
PW-7
7
0.1 to 18K
0.1 to 0.99
1.0 to 18K
0.1 to 150
0.15 to 680
1.0 to 51
PW-10
10
0.18 to 30K
0.18 to 0.99
1.0 to 30K
0.1 to 240
0.24 to 1100
1.0 to 82
PW-15
15
0.18 to 30K
0.18 to 0.99
1.0 to 30K
0.1 to 240
0.24 to 1100
1.0 to 82
PW-18
18
0.18 to 22K
0.18 to 0.99
1.0 to 22K
0.1 to 200
0.24 to 1100
1.0 to 70
PW-22
22
0.27 to 18K
0.27 to 1.3
1.5 to 12K
0.15 to 360
0.36 to 1800
1.0 to 120
PW-25
25
0.27 to 18K
0.27 to 1.3
1.5 to 10K
0.15 to 300
0.36 to 1200
1.5 to 100
Electrical Data
Fireproof high
temperature ceramic
case- stand offs
optional
Alloy resistance
wire on fiberglass
substrate
Inorganic
fireproof
encapsulant
Automatically
clamped termination
lead assembly
Type
L ±0.03 (0.8)
W ±0.03 (0.8)
H ±0.03 (0.8) D Dia. ±0.002 (0.05) E ±0.03 (0.8)
LL min.
F (ref.)
(1.6)
(1.6)
(1.6)
(3.18)
(3.18)
(3.18)
(3.18)
(3.18)
(3.18)
PW-2
PW-3
PW-5
PW-7
PW-10
PW-15
PW-18
PW-22
PW-25
Standard Configuration
L
D
LL
0.125
” Max.
H
W
Alternate Configuration
E
F
PW Series
• 0.10
Ω to 30KΩ
• 2 watts to 25 watts
• ±10% or ±5% tolerance
• TC’s from 300 ppm/°C to +5500 ppm/°C
• Lead free, RoHS compliant construction available
General Purpose Axial Leaded
Power Wirewound Resistor
Type
Power Rating
@ 25°C
(watts)
Standard
Resistance
Range
(ohms)
Standard Temperature
Coefficient
Special Temperature Coefficients
+0.06%/°C
over R range
+0.03%/°C
over R range
+0.55%/°C
over R range
+0.45%/°C
over R range
+0.25%/°C
over R range
PW-2
2
0.15 to 2.4K
0.15 to 0.99
1.0 to 2.4K
0.1 to 30
0.24 to 130
1.0 to 10
PW-3
3
0.1 to 7.5K
0.1 to 0.99
1.0 to 7.5K
0.1 to 86
0.1 to 270
0.24 to 20
PW-5
5
0.1 to 8.5K
0.1 to 0.99
1.0 to 8.5K
0.1 to 68
0.1 to 300
0.27 to 22
PW-7
7
0.1 to 18K
0.1 to 0.99
1.0 to 18K
0.1 to 150
0.15 to 680
1.0 to 51
PW-10
10
0.18 to 30K
0.18 to 0.99
1.0 to 30K
0.1 to 240
0.24 to 1100
1.0 to 82
PW-15
15
0.18 to 30K
0.18 to 0.99
1.0 to 30K
0.1 to 240
0.24 to 1100
1.0 to 82
PW-18
18
0.18 to 22K
0.18 to 0.99
1.0 to 22K
0.1 to 200
0.24 to 1100
1.0 to 70
PW-22
22
0.27 to 18K
0.27 to 1.3
1.5 to 12K
0.15 to 360
0.36 to 1800
1.0 to 120
PW-25
25
0.27 to 18K
0.27 to 1.3
1.5 to 10K
0.15 to 300
0.36 to 1200
1.5 to 100
Electrical Data
Fireproof high
temperature ceramic
case- stand offs
optional
Alloy resistance
wire on fiberglass
substrate
Inorganic
fireproof
encapsulant
Automatically
clamped termination
lead assembly
Type
L ±0.03 (0.8)
W ±0.03 (0.8)
H ±0.03 (0.8) D Dia. ±0.002 (0.05) E ±0.03 (0.8)
LL min.
F (ref.)
(1.6)
(1.6)
(1.6)
(3.18)
(3.18)
(3.18)
(3.18)
(3.18)
(3.18)
PW-2
PW-3
PW-5
PW-7
PW-10
PW-15
PW-18
PW-22
PW-25
Standard Configuration
L
D
LL
0.125
” Max.
H
W
Alternate Configuration
E
F
General Purpose Axial Leaded
Power Wirewound Resistor
PW Axial Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
1.14
· 0.10Ω to 30KΩ
· 2 watts to 25 watts
· ±10% or ±5% tolerance
· TC’s from 300 ppm/°C to +5500 ppm/°C
· Lead free, RoHS compliant construction available
PW Series
• 0.10
Ω to 30KΩ
• 2 watts to 25 watts
• ±10% or ±5% tolerance
• TC’s from 300 ppm/°C to +5500 ppm/°C
• Lead free, RoHS compliant construction available
General Purpose Axial Leaded
Power Wirewound Resistor
Type
Power Rating
@ 25°C
(watts)
Standard
Resistance
Range
(ohms)
Standard Temperature
Coefficient
Special Temperature Coefficients
+0.06%/°C
over R range
+0.03%/°C
over R range
+0.55%/°C
over R range
+0.45%/°C
over R range
+0.25%/°C
over R range
PW-2
2
0.15 to 2.4K
0.15 to 0.99
1.0 to 2.4K
0.1 to 30
0.24 to 130
1.0 to 10
PW-3
3
0.1 to 7.5K
0.1 to 0.99
1.0 to 7.5K
0.1 to 86
0.1 to 270
0.24 to 20
PW-5
5
0.1 to 8.5K
0.1 to 0.99
1.0 to 8.5K
0.1 to 68
0.1 to 300
0.27 to 22
PW-7
7
0.1 to 18K
0.1 to 0.99
1.0 to 18K
0.1 to 150
0.15 to 680
1.0 to 51
PW-10
10
0.18 to 30K
0.18 to 0.99
1.0 to 30K
0.1 to 240
0.24 to 1100
1.0 to 82
PW-15
15
0.18 to 30K
0.18 to 0.99
1.0 to 30K
0.1 to 240
0.24 to 1100
1.0 to 82
PW-18
18
0.18 to 22K
0.18 to 0.99
1.0 to 22K
0.1 to 200
0.24 to 1100
1.0 to 70
PW-22
22
0.27 to 18K
0.27 to 1.3
1.5 to 12K
0.15 to 360
0.36 to 1800
1.0 to 120
PW-25
25
0.27 to 18K
0.27 to 1.3
1.5 to 10K
0.15 to 300
0.36 to 1200
1.5 to 100
Electrical Data
Fireproof high
temperature ceramic
case- stand offs
optional
Alloy resistance
wire on fiberglass
substrate
Inorganic
fireproof
encapsulant
Automatically
clamped termination
lead assembly
Type
L ±0.03 (0.8)
W ±0.03 (0.8)
H ±0.03 (0.8) D Dia. ±0.002 (0.05) E ±0.03 (0.8)
LL min.
F (ref.)
(1.6)
(1.6)
(1.6)
(3.18)
(3.18)
(3.18)
(3.18)
(3.18)
(3.18)
PW-2
PW-3
PW-5
PW-7
PW-10
PW-15
PW-18
PW-22
PW-25
Standard Configuration
L
D
LL
0.125
” Max.
H
W
Alternate Configuration
E
F
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
OBSOLETE


Similar Part No. - PW-AXIAL

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PW-10 WELWYN-PW-10 Datasheet
147Kb / 4P
General Purpose Power Wirewound Resistors
logo
TT Electronics.
PW-10 TTELEC-PW-10 Datasheet
346Kb / 2P
Lead free, RoHS compliant construction available
PW-10 TTELEC-PW-10 Datasheet
766Kb / 2P
General Purpose Axial Leaded Power Wirewound Resistor
06.18
PW-10 TTELEC-PW-10 Datasheet
434Kb / 2P
General Purpose Axial Leaded Power Wirewound Resistor
07.14
logo
Lin Eng. Inc.
PW-100-24 LINENGINEERING-PW-100-24 Datasheet
355Kb / 4P
POWER SUPPLY
More results

Similar Description - PW-AXIAL

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CCW IRCTT-CCW Datasheet
322Kb / 3P
Commercial Grade Power Axial Wirewound Resistor
PWR101202JLF IRCTT-PWR101202JLF Datasheet
141Kb / 2P
General Purpose Stand-Up Power Wirewound Resistor
SP-201505LF IRCTT-SP-201505LF Datasheet
540Kb / 2P
GENERAL-PURPOSE FAILSAFE MOLDED WIREWOUND RESISTOR
SP-201505LF IRCTT-SP-201505LF_08 Datasheet
246Kb / 3P
General Purpose Failsafe Molded Wirewound Resistor
SPH1505LF IRCTT-SPH1505LF Datasheet
563Kb / 2P
GENERAL-PURPOSE FAILSAFE MOLDED WIREWOUND RESISTOR
logo
List of Unclassifed Man...
WW3JT330R ETC2-WW3JT330R Datasheet
92Kb / 3P
General Purpose and Precision Wirewound Resistor
logo
TT Electronics.
CCW TTELEC-CCW Datasheet
300Kb / 3P
Commercial Grade Power Axial Wirewound Resistor
logo
Stackpole Electronics, ...
MWW SEI-MWW Datasheet
460Kb / 7P
General Purpose and Precision Wirewound Resistor
11/29/2021
WCB SEI-WCB Datasheet
243Kb / 4P
Welded Ceramic Housed Axial Leaded Wirewound Resistor
7/8/2022
WWF SEI-WWF Datasheet
217Kb / 4P
General Purpose Fusing Wirewound Resistor
11/23/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com