Electronic Components Datasheet Search
  English  ▼

X  

320554 Datasheet(PDF) 11 Page - TE Connectivity Ltd

Part # 320554
Description  PIDG TERMINALS & SPLICES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

320554 Datasheet(HTML) 11 Page - TE Connectivity Ltd

Back Button 320554 Datasheet HTML 4Page - TE Connectivity Ltd 320554 Datasheet HTML 5Page - TE Connectivity Ltd 320554 Datasheet HTML 6Page - TE Connectivity Ltd 320554 Datasheet HTML 7Page - TE Connectivity Ltd 320554 Datasheet HTML 8Page - TE Connectivity Ltd 320554 Datasheet HTML 9Page - TE Connectivity Ltd 320554 Datasheet HTML 10Page - TE Connectivity Ltd 320554 Datasheet HTML 11Page - TE Connectivity Ltd 320554 Datasheet HTML 12Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TE.COM/PRODUCTS/PIDG
TE Connectivity
PIDG Terminals & Splices
PAGE 11
L
L
W
W
FREQUENTLY ASKED QUESTIONS TOOLING
Can wires be combined in PIDG terminals & splices?
Yes, they can as long total CMA (Circular Mil Area) and insulation
diameter fall within specifi cation.
Are PIDG terminals MIL specified?
Yes, most of them meet or exceed MIL-T-7928, Type II, class 1 & 2.
What to choose if you need higher temperature?
Use TE STRATO-THERM terminals (catalog 82011).
Why can PIDG terminals just handle 300V and
PLASTI-GRIP terminals 600 V?
Because the additional copper sleeve is close to the end of
the sleeve (see picture).
What is the advantage of this copper sleeve?
It provides circumferential insulation support to the wire and
allows the wire to bend in any direction, without fraying the
wire’s insulation or breaking the conductor.
Why is there no crimpheight given for PIDG terminals?
It is the geometry of the TE crimping tools which ensures
the perfect crimp on PIDG terminals.
http://tooling.te.com
http://www.te.com/products/industrial-terminals-splices
REMARKS
0 Must be crimped with 22-18 or 22-16 PIDG (red) tooling
1 Body Springs Spade : Phosphor Bronze per ASTM B-139
2 Body : Copper also according DIN 1787 and EN 1676
3 Body : Brass according ASTM B 36
4 Sleeve : Nickel Plating per SAE AMS QQ-N-290
5 Adapter inserts can be ordered seperately for
use in specific standard PIDG Butt Splices
6 Mill Specified
7 Body : Brass according MIL-C-50
For all remarks and additional information see
Customer Drawing on www.te.com
TOOLING
58433-3 - Pro-Crimper
Commercial Hand Tool
SHUR-PLUG Terminals
Manual Hand Tools
Die Sets for Powered Tools
(See Note 1 for Powered
Tool Options)
Wire Size
Tab
Thickness Standard Part
Number
Width (W)
Length (L)
Color
Max. Wire
Insulation Dia. Also available in
8
Re-
marks
Certi-
Crimp
Hand Tool
UL Apvd
Mil-Spec
Certified
Hand
Tool
Pro-
Crimper
(SDE)
Hand Tool
SDE Die Set
(Premium)
UL Apvd
SDE Die Set
(Commercial)
AWG
mm2
U.S. mm
inch
mm
inch
mm
inch
mm
Tape &
Reel
Small
Pack
22-16
0,25-1,60
n.a
165590-1
.156
3,96
.894
22,70
●
.138
3,50
✔
20-15
0,50-1,50
n.a
141462-1
.118
3,00
.945 24,00
●
.134
3,40
✔
n.a
141456-1
.118
3,00
.984 25,00
●
.130
3,30
✔
20-16
0,50-1,60
n.a
165399-1
.156
3,96
.902 22,90
●
.114
2,90
✔
16-14
1,04-2,62
n.a
324225
.156
3,96
.790 20,07
●
.170
4,32
✔
✔
47387-7
58433-3
2063030-1
58423-1
16-14
1,04-2,62
n.a
165429-1
.156
3,96
.972
24,70
●
.157
4,00
✔
n.a.
n.a.
n.a
36840
.156
3,96
1.795 45,59
●
n.a.
n.a.
✔
7
1. The conical sleeve serves for
easier conductor insertion.
2. The nylon insulating sleeve
offers high dielectric strength.
The colour coding corresponds
to the wire size.
3. Grooves inside the wire sleeve ensure
high tensile strength and current transfer.
4. The copper sleeve provides
optimal insulation support.
NOTE 1
The die sets listed above can be used with the following powered tools:
1.75 Ton Battery Tools 2217480-1 (110V) or 2217480-2 (220V)
AT-300 Electric Crimping Machine 539630-2 (115V/230V) with SDE Adapter 1673663-2
626 Pneumatic Tool System with Pro-Crimper Adapter 679304-1
AT-SC MK II Pneumatic Safety Crimping Machine 1-528050-0 with SDE Die Holder 2-528051-8
NOTE 2
Most 22-16, 16-14, and 12-10 AWG PIDG terminals and splices can be crimped
using TETRA-CRIMP Hand Crimping Tool 59824-1 (UL approved)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com