Electronic Components Datasheet Search
  English  ▼

X  

320552 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 320552
Description  PIDG TERMINALS & SPLICES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

320552 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  320552 Datasheet HTML 1Page - TE Connectivity Ltd 320552 Datasheet HTML 2Page - TE Connectivity Ltd 320552 Datasheet HTML 3Page - TE Connectivity Ltd 320552 Datasheet HTML 4Page - TE Connectivity Ltd 320552 Datasheet HTML 5Page - TE Connectivity Ltd 320552 Datasheet HTML 6Page - TE Connectivity Ltd 320552 Datasheet HTML 7Page - TE Connectivity Ltd 320552 Datasheet HTML 8Page - TE Connectivity Ltd 320552 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AUTOMATION & CONTROL /// PIDG TERMINALS & SPLICES
FEATURES AND BENEFITS
• Made of high conductivity copper; tin-plated for optimal corrosion protection
• Copper sleeve for vibration resistance and improved wire insulation support
• Body has inner serrations for maximum electrical contact and tensile strength
• Insulation sleeves are color-coded by wire size to the corresponding
TE Connectivity (TE) tooling for easy identification and termination
• Readily available at distributors in small packages or bulk quantities
• UL/CSA listed and Mil-Spec approved
• Operating temperature 105°C; operating voltage 300V
PRODUCT APPLICATIONS
•
Instruments/Control
•
Lighting
•
Power Supplies
•
Panel Boxes
•
Transportation
•
Lifting equipment
•
Motors
•
Aerospace
•
Appliances
300V
105
MIL
Operating Voltage
Max Operating
Temperature (in C)
MIL-SPEC Approval



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com