Electronic Components Datasheet Search
  English  ▼

X  

PQ070XZ5MZP Datasheet(PDF) 7 Page - Sharp Corporation

Part # PQ070XZ5MZP
Description  SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ070XZ5MZP Datasheet(HTML) 7 Page - Sharp Corporation

  PQ070XZ5MZP Datasheet HTML 1Page - Sharp Corporation PQ070XZ5MZP Datasheet HTML 2Page - Sharp Corporation PQ070XZ5MZP Datasheet HTML 3Page - Sharp Corporation PQ070XZ5MZP Datasheet HTML 4Page - Sharp Corporation PQ070XZ5MZP Datasheet HTML 5Page - Sharp Corporation PQ070XZ5MZP Datasheet HTML 6Page - Sharp Corporation PQ070XZ5MZP Datasheet HTML 7Page - Sharp Corporation PQ070XZ5MZP Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PQ070XZ5MZ/PQ070XZ01Z
s Output Voltage Fine Tuning
1. Connecting external resistors R1 and R2 to terminals
,
,
allows the output voltage to be fine tuned from 1.5V to 7V. Refer to
the figure below and Fig.17 when connecting external resistors for fine tuning output voltage.
4
5
3
R2
R1
VO
Vref
+
−
VO =Vref×(1+R2/R1)
.=.1.25×(1+R
2/1 000)
[R1=1kΩ, Vref.=
.1.25V]
3
4
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com