Electronic Components Datasheet Search
  English  ▼

X  

BZX55C Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BZX55C
Description  500mW Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX55C Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BZX55C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX55C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX55C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
BZX55C SERIES
500mW Zener Diode
Features
Fast switching speed
General purpose rectification
Silicon epitaxial planar construction
Mechanical Data
Case: DO-35
Leads:Solderableper MIL-STD-202,
Method 208
Polarity: Cathode band
Marking: Type number
Weight: 0.13 grams (approx.)
DO-35
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
OC ambient temperature unless otherwise specified.
Maximum Ratings
Type Number
Symbol
Value
Units
Forward Voltage
@ IF = 100mA
VF
1.0
V
Power Dissipation (Note 1)
Pd
500
mW
Thermal Resistance Junction to Ambient Air (Note 2)
RθJA
0.3
K /mW
Operating and Storage Temperature Range
TJ, TSTG
-65 to + 175
OC
Notes: 1. Valid Provided that Lead are kept at ambient temperature at a distance of 8mm from case.
2. Valid provided that leads at a distance of 10mm from case are kept at ambient temperature.
Version: A07


Similar Part No. - BZX55C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX55C VISHAY-BZX55C Datasheet
70Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
logo
Seme LAB
BZX55C SEME-LAB-BZX55C Datasheet
19Kb / 2P
VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
logo
Fairchild Semiconductor
BZX55C FAIRCHILD-BZX55C Datasheet
23Kb / 1P
Series Half Watt Zeners
logo
Formosa MS
BZX55C FORMOSA-BZX55C Datasheet
127Kb / 5P
Zener diode
logo
Yangzhou yangjie electr...
BZX55C YANGJIE-BZX55C Datasheet
61Kb / 4P
Zener diode
More results

Similar Description - BZX55C

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL5518 CDI-DIODE-CDLL5518 Datasheet
94Kb / 2P
ZENER DIODE, 500mW
logo
Diodes Incorporated
BZX55C2V4 DIODES-BZX55C2V4 Datasheet
168Kb / 3P
500mW ZENER DIODE
DS18013 Rev. 3 - 3
logo
Microsemi Corporation
IN5519BUR-1 MICROSEMI-IN5519BUR-1 Datasheet
111Kb / 2P
ZENER DIODE, 500mW
logo
Seme LAB
1N750AD1A SEME-LAB-1N750AD1A Datasheet
569Kb / 3P
500mW ZENER DIODE
logo
Microsemi Corporation
1N5518BUR MICROSEMI-1N5518BUR_08 Datasheet
123Kb / 2P
ZENER DIODE, 500mW
logo
Rohm
RLZTE-1120B ROHM-RLZTE-1120B Datasheet
820Kb / 4P
500mW Zener Leadless Diode
logo
Cystech Electonics Corp...
ZD5270BSH CYSTEKEC-ZD5270BSH Datasheet
305Kb / 7P
500mW Zener Diode
logo
Zibo Seno Electronic En...
BZX55C ZSELEC-BZX55C Datasheet
48Kb / 3P
500mW ZENER DIODE
BZX55C2V4 ZSELEC-BZX55C2V4 Datasheet
46Kb / 3P
500mW ZENER DIODE
LL55C2V4 ZSELEC-LL55C2V4 Datasheet
503Kb / 3P
500mW ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com