Electronic Components Datasheet Search
  English  ▼

X  

6033173 Datasheet(PDF) 3 Page - SICK AG

Part # 6033173
Description  HF transponder, coin RFID transponder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6033173 Datasheet(HTML) 3 Page - SICK AG

  6033173 Datasheet HTML 1Page - SICK AG 6033173 Datasheet HTML 2Page - SICK AG 6033173 Datasheet HTML 3Page - SICK AG 6033173 Datasheet HTML 4Page - SICK AG 6033173 Datasheet HTML 5Page - SICK AG 6033173 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HF transponder, coin | RFID transponder
RFID
Ambient data
Vibration resistance
IEC 68-2-6
Shock resistance
IEC 68-2-27
Ambient operating temperature
–25 °C ... +90 °C 1)
Application temperature
+ 130 °C, 50 h, 1   2)
+ 220 °C, 30 s, 1   2)
Storage temperature
–40 °C ... +120 °C
1) Max. temperature at which the RFID transponder can interact with the RFID read/write device.
2) Max. temperature the RFID transponder can withstand [maximum temperature; duration; cycles]. For optimal performance, the transponders should completely cool
off before a new temperature cycle is started.
Classifications
ECLASS 5.0
27280402
ECLASS 5.1.4
27280402
ECLASS 6.0
27280402
ECLASS 6.2
27280402
ECLASS 7.0
27280402
ECLASS 8.0
27280402
ECLASS 8.1
27280402
ECLASS 9.0
27280402
ECLASS 10.0
27280402
ECLASS 11.0
27280402
ECLASS 12.0
27280402
ETIM 6.0
EC002998
ETIM 7.0
EC002998
ETIM 8.0
EC002998
UNSPSC 16.0901
52161523
Reading field diagram
Reading field diagram RFH63x
0
Coin 22
150
(5.91)
100
(3.94)
50
(1.97)
0
0
–50
(–1.97)
–100
(–3.94)
–150
(–5.91)
50
(1.97)
100
(3.94)
150
(5.91)
Reading field width in mm (inch)
Reading
distance in
mm (inch)
150
(5.91)
100
(3.94)
50
(1.97)
0
0
–50
(–1.97)
–100
(–3.94)
–150
(–5.91)
50
(1.97)
100
(3.94)
150
(5.91)
Reading field width in mm (inch)
Reading
distance in
mm (inch)
RFH630
RFH630
2024-05-15 16:42:20 | Product data sheet
Subject to change without notice
RFID | SICK
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com