Electronic Components Datasheet Search
  English  ▼

X  

SLG47512 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # SLG47512
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG47512 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button SLG47512 Datasheet HTML 17Page - Renesas Technology Corp SLG47512 Datasheet HTML 18Page - Renesas Technology Corp SLG47512 Datasheet HTML 19Page - Renesas Technology Corp SLG47512 Datasheet HTML 20Page - Renesas Technology Corp SLG47512 Datasheet HTML 21Page - Renesas Technology Corp SLG47512 Datasheet HTML 22Page - Renesas Technology Corp SLG47512 Datasheet HTML 23Page - Renesas Technology Corp SLG47512 Datasheet HTML 24Page - Renesas Technology Corp SLG47512 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 195 page
background image
Datasheet
31-Jan-2025
CFR0011-120-00
Revision 3.1
21 of 194
© 2025 Renesas Electronics Corporation
SLG47512/13
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
tpd
Delay
DFF nRESET High nQ
12
--
7
--
5
--
4
--
ns
tpd
Delay
DFF nRESET Low Q
--
12
--
7
--
5
--
4
ns
tpd
Delay
DFF nRESET Low nQ
12
--
7
--
5
--
4
--
ns
tpd
Delay
DFF nSET High Q
12
--
7
--
5
--
4
--
ns
tpd
Delay
DFF nSET High nQ
--
12
--
7
--
5
--
4
ns
tpd
Delay
DFF nSET Low Q
12
--
7
--
5
--
4
--
ns
tpd
Delay
DFF nSET Low nQ
--
12
--
7
--
5
--
4
ns
tpd
Delay
Multi-Function DFF Q
13
13
6
6
5
5
4
4
ns
tpd
Delay
Multi-Function DFF nQ
13
13
6
6
5
5
4
4
ns
tpd
Delay
Multi-Function DFF nRESET Q
--
13
--
6
5
5
--
4
ns
tpd
Delay
Multi-Function DFF nRESET nQ
13
--
6
--
5
--
4
--
ns
tpd
Delay
Multi-Function DFF nSET Q
13
--
6
--
5
--
4
--
ns
tpd
Delay
Multi-Function DFF nSET nQ
--
13
--
6
--
5
--
5
ns
tpd
Delay
Shift Registers Q
14
14
7
7
6
6
5
5
ns
tpd
Delay
Shift Registers nQ
14
14
7
7
6
6
5
5
ns
tpd
Delay
Multi-Function Reset CNT Q
19
--
9
--
7
--
6
--
ns
tpd
Delay
Multi-Function Reset CNT nQ
--
19
--
9
--
7
--
6
ns
tpd
Delay
Multi-Function CNT Delay Q
19
19
9
9
7
7
6
6
ns
tpd
Delay
Multi-Function CNT Delay nQ
19
19
9
9
7
7
6
6
ns
tpd
Delay
Multi-Function CNT
Edge Detect Q
19
--
9
--
7
--
6
--
ns
tpd
Delay
Multi-Function CNT
Edge Detect nQ
--
19
--
9
--
7
--
6
ns
tw
Width
Multi-Function CN
T Edge Detect Q
159
--91--70--62--
ns
tw
Width
Multi-Function CNT
Edge Detect nQ
--
159
--
91
--
70
--
62
ns
tpd
Delay
Multi-Function CNT
Frequency Detect Q
32
32
18
18
14
14
12
12
ns
tpd
Delay
Multi-Function CNT
Frequency Detect nQ
32
32
18
18
14
14
12
12
ns
tpd
Delay
Multi-Function CNT One Shot Q
15
--
9
--
7
--
6
--
ns
tpd
Delay
Multi-Function CNT
One Short nQ
--
15
--
9
--
7
--
6
ns
tpd
Delay
PGen CLK
10
10
5
5
4
4
4
4
ns
tpd
Delay
PGen nRESET Hi-Z to 0
--
10
--
5
--
4
--
4
ns
tpd
Delay
PGen nRESET Hi-Z to 1
10
--
5
--
4
--
4
--
ns
tpd
Delay
Filter Q
86
86
55
55
46
46
41
41
ns
tpd
Delay
Filter nQ
8686545446464040
ns
Table 12: Typical Delay Estimated for Each Macrocell at T = +25 °C (Continued)
Parameter DescriptionNote
VDD = 1.0 V
VDD = 1.2 V
VDD = 1.5 V
VDD = 1.65 V
Unit
Rising Falling Rising Falling Rising Falling Rising Falling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com