Electronic Components Datasheet Search
  English  ▼

X  

CVR-43P Datasheet(PDF) 2 Page - Amphenol Industrial Products Group.

Part # CVR-43P
Description  ePower Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIO [Amphenol Industrial Products Group.]
Direct Link  https://www.amphenol-industrial.com/
Logo AIO - Amphenol Industrial Products Group.

CVR-43P Datasheet(HTML) 2 Page - Amphenol Industrial Products Group.

  CVR-43P Datasheet HTML 1Page - Amphenol Industrial Products Group. CVR-43P Datasheet HTML 2Page - Amphenol Industrial Products Group. CVR-43P Datasheet HTML 3Page - Amphenol Industrial Products Group. CVR-43P Datasheet HTML 4Page - Amphenol Industrial Products Group. CVR-43P Datasheet HTML 5Page - Amphenol Industrial Products Group. CVR-43P Datasheet HTML 6Page - Amphenol Industrial Products Group.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Amphenol
www.amphenol-industrial.com
Company Overview
Manufacturing connectors for over eight decades, we take pride
that Amphenol Industrial Operations (AIO) is the undisputed
leader in interconnect systems for harsh environment
applications. Such applications require a high degree of
engineering sophistication and precision manufacturing
capability. Innovations like our RADSOK®® contact technology
can provide up to 50% more current through the same size
pin. Connectors utilizing this RADSOK®® technology will
outperform similar products in the market hands down.
Amphenol Industrial, a division of the Amphenol Corporation,
is a leading global manufacturer of cylindrical connectors.
Amphenol Industrial’s product lines consist of rectangular,
standard miniature, fiber optic, EMI/EMP filter, and a variety of
special application connectors.
Our manufacturing capabilities include state-of-the-art CNC
machining, die-casting, molding, impact and extruding, plating,
screw machining and process controls.
AIO also has a fully equipped material evaluation lab and an
engineering support organization utilizing the latest in computer
aided design software and analysis tools.
Our global manufacturing facilities include locations in Sidney,
NY, Fraser, MI, Midland, TX, Shenzhen and Zhuhai, China,
Winnipeg, Canada, and Nogales, Mexico.
The ePower Connector Series
This series of connectors is designed for the demanding
requirements of hybrid, electric vehicles, and utility truck
electrical systems, operating at 800VDC to 1000VDC with
a 200A to 400A continuous current rating. The product
incorporates the patented RADSOK®® technology for higher
amperage, lower T-rise, less resistance and mating force.
Meantime, it offers a 40% smaller footprint than three EMI
shielding cable glands and easier operation of termination with
shielded cable by a washer compressing the shield to the inside
surface of the shell. The connector series covers 2 or 3 power
contacts. As an example, one ePower 400A connector can
replace three conventional connectors, saving space and cost.
The markets and application for the ePower Series include
but are not limited to the following found in both the Military
Aerospace and Industrial segments:
• Power converters
• Hybrid electric vehicles
• Heavy equipment electrification
• Two and three phase motors
• Starter generators
RADSOK® Technology Advantages
RADSOK’S twisted grid configuration allows for 50% more current to pass
through the same size pin, while providing increased reliability, ampacity and cycle
durability as well as lower insertion force, T-rise and voltage drop.
• HIGH RELIABILITY
Unique RADSOK® design and construction technology create an electrical contact
interface that exceeds typical interconnect requirements. Applications in aerospace,
medical, industrial, automotive, mining, offshore, and other harsh environments
depend on the high reliability of Amphenol’s RADSOK® technology.
• LOW CONTACT ENGAGEMENT/SEPARATION FORCES
The hyperbolic lamella socket contact construction distributes normal forces
over a high percentage of the mating pin surface. This creates a smooth, even
engagement effort. This force distribution also contributes to excellent performance
in vibration applications with resistance to typical fretting corrosion.
• LOW CONTACT RESISTANCE
The large interface area between the socket lamella and pin surface result in
very low contact resistance, enabling the RADSOK® contacts’ high current ratings
compared to traditional power contact designs.
• HIGH MATING CYCLE DURABILITY
RADSOK® contacts with typical silver plating finishes have demonstrated survival
of 20,000 mating cycles. Specialized plating and contact lubricants can extend
cycle life to 200,000 matings or higher. Even with continuous exposure to harsh
environmental abuse (salt, sand, and high humidity), RADSOK® contacts have
been tested to maintain low contact resistance beyond 10,000 mating cycles.
RADSOK® Derating Chart – Temperature vs. Current
Based on single conductors in free air. Wire cross-section same size as pin
contact cross-sectional area.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com