Electronic Components Datasheet Search
  English  ▼

X  

PT100 Datasheet(PDF) 1 Page - Alfatronix Ltd

Part # PT100
Description  Solid State Battery GuardS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFATRONIX [Alfatronix Ltd]
Direct Link  https://www.alfatronix.com/
Logo ALFATRONIX - Alfatronix Ltd

PT100 Datasheet(HTML) 1 Page - Alfatronix Ltd

  PT100 Datasheet HTML 1Page - Alfatronix Ltd PT100 Datasheet HTML 2Page - Alfatronix Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PowerTecTor
LOW VOLTAGE DISCONNECT
Solid STaTe BaTTery GuardS
The PowerTector Battery Guard is a solid state battery device that will monitor
the source voltage and disconnect the equipment from the battery if the voltage
falls below a pre-determined level. This can work to ensure that there is always
sufficient voltage remaining in the battery to start a vehicle engine or ensure power
is available for other critical applications. The total discharge of a lead acid battery
can also cause damage to the cells significantly shortening the life of the battery.
The PowerTector unit can also be set to disconnect equipment at a lower voltage
that will still protect the battery from total discharge, while allowing for maximum
battery usage. A timed version is also available which will disconnect automatically a
set period after the ignition has been switched off.
• Using the simple programming
terminal, select the pre-set
disconnect voltage according
to your requirements.
• LED indicates operational status.
• Audible alarm and/or visual
indicator can be installed in the
dashboard or cockpit to alert
operator of a potential problem.
• Switch terminal allows the unit to
be operated via the ignition or a
manual switch.
• The PowerTector battery guards
offer excellent protection for
communication and other mission
critical applications
a wide ranGe of
feaTureS
There are six units in the range from
10A to 200A. The 10A and 20A unit
offer a simple inline system, usually
wired to a specific piece of equipment.
These units do not require chassis
mounting and simply connect and tie
wrap neatly within the wiring system.
The 40A and 60A units are connected
by M6 brass bolts, the 100A and 200A
by M10 brass bolts and use a three point
mounting system to avoid rocking or
stress to the electronics when mounted
on uneven surfaces. Heat is dissipated
into our custom manufactured die cast
casing and all units will operate at full
power without additional heatsink
dissipation.
Manual ShuTdown
faciliTy
From 40A upwards, the units have the
facility to be manually shutdown either
through the ignition or a dedicated
switch. In addition, from 100A upwards
the units can have an override switch
fittted. This allows the units to be
reactivated for four minutes to allow
emergency actions to be performed.
• All PowerTectors from 40A
upwards are mounted in a rugged
die cast aluminium casing with
glass filled polycarbonate cover
providing terminal protection and
insulation.
• Smaller units; 10A and 20A,
are available in a lightweight,
polycarbonate casing that can be
simply fitted in the wiring, like an
inline fuse without the need to
drill the vehicle chassis.
alarM & diSconnecT
delay feaTure
An alarm output is supplied which, once
the threshold has been reached for 10
seconds, will activate, sounding an
alarm or other indicating device for a
further 50 seconds prior to
disconnection. This allows the operator
to restart the engine or take other
action to maintain continuous power.
TiMed VerSionS
In addition to the standard
PowerTectors, the PT-T versions offer a
timed facility. This will disconnect the
output after a set time after the ignition
has been turned off. If required, during
this time period, the voltage can still be
monitored and disconnected if it falls
below a set level to protect the battery
power and system. The unit will
reactivate when the ignition has been
turned on again and the battery voltage
has reached 8.5Vdc (12V systems),
17Vdc (24V systems).
fully ProGraMMaBle
All units in the range are supplied
pre-programmed for a variety of
scenarios offering higher or lower
disconnect voltages and it is quick and
simple to select the correct programme
to suit your needs.


Similar Part No. - PT100

ManufacturerPart #DatasheetDescription
logo
ZIEHL industrie-elektro...
PT100 ZIEHL-PT100 Datasheet
269Kb / 1P
Pt 100-Temperature-Relay Type TR111V
logo
Baumer IVO GmbH & Co. K...
PT100 IVO-PT100 Datasheet
60Kb / 4P
Cable Sensor, Pt100/Pt1000
logo
List of Unclassifed Man...
PT100 ETC-PT100 Datasheet
362Kb / 2P
PT100 3 wire temperature probe
logo
Alfatronix Ltd
PT100 ALFATRONIX-PT100 Datasheet
172Kb / 2P
PowerTector Series Low Voltage Disconnect
logo
Omega Engineering, Inc.
PT100 OMEGA-PT100 Datasheet
362Kb / 2P
In Line Flat Surface pH/ORP Electrodes
More results

Similar Description - PT100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SN76477 ETC1-SN76477 Datasheet
357Kb / 4P
Solid State
logo
ebm-papst
LZ32-2 EBMPAPST-LZ32-2 Datasheet
221Kb / 1P
PLASTIC FINGER GUARDS
logo
ORION FANS
G25-2 ORIONFANS-G25-2 Datasheet
121Kb / 1P
Fan Guards
G40P ORIONFANS-G40P Datasheet
266Kb / 1P
Fan Guards
G60-4 ORIONFANS-G60-4 Datasheet
133Kb / 1P
Fan Guards
G60POG ORIONFANS-G60POG Datasheet
192Kb / 1P
Push-On Guards
G109-15A ORIONFANS-G109-15A Datasheet
151Kb / 1P
Fan Guards
G180-11 ORIONFANS-G180-11 Datasheet
153Kb / 1P
Fan Guards
logo
Qualtek Electronics Cor...
QSG-40-01 QUALTEK-QSG-40-01 Datasheet
654Kb / 1P
Plastic Fan Guards
logo
STMicroelectronics
EFL700A39 STMICROELECTRONICS-EFL700A39 Datasheet
222Kb / 8P
EnFilm™ - rechargeable solid state lithium thin film battery
02-Jun-2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com