Electronic Components Datasheet Search
  English  ▼

X  

PEC11 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # PEC11
Description  PEC11 Series - 12 mm Incremental Encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PEC11 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  PEC11 Datasheet HTML 1Page - Bourns Electronic Solutions PEC11 Datasheet HTML 2Page - Bourns Electronic Solutions PEC11 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PEC11 Series - 12 mm Incremental Encoder
Product Dimensions
PEC11-4xxxK-Nxxxx
13.2
(.520)
12.5
(.492)
5.0
(.197)
13.2
(.520)
7.5
(.295)
5.0
(.197)
1.8 +0.2/-0
(.071 +.008/-0)
2 PLCS.
2 PLCS.
2.6 +0.2/-0
(.102 +.008/-0)
1.0 +0.2/-0
(.039 +.008/-0)
DIA. 3 PLCS.
C
B
A
C
B
A
A
P
L
LB
2.4
(.094)
7.0
(.276)
7.5
(.295)
3.5
(.138)
6.5
(.256)
M7x0.75
18 TEETH
1.0
(.039)
6.0 +0/-0.1
(.236 +0/-.004)
DIA.
C
B
A CHANNEL A
COMMON
CHANNEL B
LLB
P
A
15
5.0
7.0
6.0
(.591)
(.197)
(.276)
(.236)
20
7.0
7.0
6.0
(.787)
(.276)
(.276)
(.236)
30
7.0
16.0
12.0
(1.181)
(.276)
(.630)
(.472)
13.2
(.520)
5.0
(.197)
7.5
(.295)
7.0
(.276)
2.5
(.098)
2.5
(.098)
1.8 +0.2/-0
(.071 +.008/-0)
2 PLCS.
2 PLCS.
2.6 +0.2/-0
(.102 +.008/-0)
1.0 +0.2/-0
(.039 +.008/-0)
DIA. 5 PLCS.
CB
A
C
B
A
PEC11-4xxxK-Sxxxx
12.5
(.492)
5.0
(.197)
5.0
(.197)
13.2
(.520)
A
P
L
LB
2.4
(.094)
7.0
(.276)
7.5
(.295)
3.5
(.138)
6.5
(.256)
M7x0.75
1.0
(.039)
6.0 +0/-0.1
(.236 +0/-.004)
DIA.
SWITCH
TRAVEL
0.5
(.020)
C
B
A CHANNEL A
COMMON
CHANNEL B
LLB
P
A
15
5.0
7.0
6.0
(.591)
(.197)
(.276)
(.236)
20
7.0
7.0
6.0
(.787)
(.276)
(.276)
(.236)
18 TEETH
DIMENSIONS:
MM
(INCHES)
REV. 02/13
OBSOLET
E



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com