Electronic Components Datasheet Search
  English  ▼

X  

CL200 Datasheet(PDF) 1 Page - COAST Products.

Part # CL200
Description  High-performance, lighting solutions at a highly competitive price
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COAST [COAST Products.]
Direct Link  https://coastportland.com/
Logo COAST - COAST Products.

CL200 Datasheet(HTML) 1 Page - COAST Products.

  CL200 Datasheet HTML 1Page - COAST Products. CL200 Datasheet HTML 2Page - COAST Products. CL200 Datasheet HTML 3Page - COAST Products. CL200 Datasheet HTML 4Page - COAST Products.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
15 Lumens
10 Metre maximum range
5 Hours battery run-time
Supplied with key-fob attachment
4 x LR44 batteries (supplied)
1 Metre impact resistance
Supplied in 20pcs CDU Pack
Compact & handy, guarantees
light is always at hand!
CLK15 Key-ring Torch
CL80 focusing Torch
80 Lumens
Slide-Focus from Spot to Flood beam
50 Metre maximum range
2.5 Hours battery run-time
1 x AA battery (not supplied)
1.5 Metre impact resistance
Aerospace Aluminum casing
CL200 focusing Torch
200 Lumens
Slide-Focus from Spot to Flood beam
50 Metre maximum range
3 Hours battery run-time
3 x AAA batteries (not supplied)
1.5 Metre impact resistance
Aerospace Aluminum casing
Supplied in Mixed CDU pack
Comprising of:
6 x CL80 Focusing Torches
6 x CL200 Focusing Torches
High-performance, lighting solutions at a highly competitive price
core
l I g h t I n g


Similar Part No. - CL200

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
CL200 EXTECH-CL200 Datasheet
149Kb / 9P
Waterproof Total Residual Chlorine Tester
logo
TEKTRONIX, INC.
CL200 TEKTRONIX-CL200 Datasheet
2Mb / 18P
Four-channel, Multi-phase AC/DC Power Analyzer
CL200 TEKTRONIX-CL200 Datasheet
1Mb / 8P
Single Phase AC Power Analyzer Datasheet
logo
LEDTRONICS, INC
CL200-XXX-120D LEDTRONICS-CL200-XXX-120D Datasheet
56Kb / 1P
CL200-XXX-120D
More results

Similar Description - CL200

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT7VC14 ACT-ACT7VC14 Datasheet
199Kb / 3P
a range of cost competitive VCXOs
08/11/04
logo
Grayhill, Inc
62AG22-L0-020C GRAYHILL-62AG22-L0-020C Datasheet
374Kb / 2P
Price Competitive Solution
logo
Advantech Co., Ltd.
ARK-1120 ADVANTECH-ARK-1120 Datasheet
2Mb / 2P
Ultra Slim and Price Competitive Intel짰 Atom??N455 Fanless Embedded Box PC
ARK-1120 ADVANTECH-ARK-1120_13 Datasheet
564Kb / 2P
Ultra Slim and Price Competitive Intel짰 Atom??N455 Fanless Embedded Box PC
logo
Texas Instruments
SLAT125B TI-SLAT125B Datasheet
202Kb / 3P
Microcontrollers for Advanced Lighting Solutions
logo
Grayhill, Inc
62AG11-L0-020C GRAYHILL-62AG11-L0-020C Datasheet
501Kb / 2P
Price Competitive Solution 2-bit gray code output
logo
Microchip Technology
AN1427 MICROCHIP-AN1427 Datasheet
714Kb / 12P
High-Efficiency Solutions for Portable LED Lighting
11/29/11
logo
Phihong USA Inc.
PDA030A-2A1B PHIHONG-PDA030A-2A1B Datasheet
3Mb / 28P
OEM Lighting Solutions
logo
Advanced Thermal Soluti...
ATS-50450P-C3-R0 ATS-ATS-50450P-C3-R0 Datasheet
321Kb / 1P
Ultra High Performance BGA Cooling Solutions
REV2_0712
ATS-55190K-C0-R0 ATS-ATS-55190K-C0-R0 Datasheet
344Kb / 1P
High Performance BGA Cooling Solutions
REV1_1116
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com