Electronic Components Datasheet Search
  English  ▼

X  

BZX79C10 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BZX79C10
Description  500 mW Hermetically Sealed Glass Zener Voltage Regulators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX79C10 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BZX79C10 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX79C10 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
BZX79C2V0 – BZX79C75
500 mW Hermetically Sealed Glass Zener
Voltage Regulators
DO-35
Features
Zener voltage range 2.0 to 75 volts
DO-35 package (JEDEC)
Through-hole device type mounting
Hermetically sealed glass
Compression bonded construction
All external surfaces are corrosion resistant
and leads are readily solderable
RoHS compliant
Solder hot(dip Tin(Sn) lead finish
Cathode indicated by polarity band
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Type Number
Symbol
Value
Units
Power Dissipation
Pd
500
mW
Maximum Forward Voltage
@ IF=100mA
VF
1.5
V
Storage Temperature Range
TSTG
-65 to + 200
OC
Operating Junction Temperature
TJ
+ 200
OC
These rating are limiting values above which the serviceability of the diode may be impaired.
Version: A07
Preliminary


Similar Part No. - BZX79C10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BZX79C10 FAIRCHILD-BZX79C10 Datasheet
22Kb / 2P
Series Half Watt Zeners
logo
Motorola, Inc
BZX79C10 MOTOROLA-BZX79C10 Datasheet
424Kb / 42P
500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
Fairchild Semiconductor
BZX79C10 FAIRCHILD-BZX79C10 Datasheet
47Kb / 5P
Zeners
logo
EIC discrete Semiconduc...
BZX79C10 EIC-BZX79C10 Datasheet
36Kb / 2P
ZENER DIODES
logo
First Components Intern...
BZX79C10 FCI-BZX79C10 Datasheet
96Kb / 2P
1/2 Watt ZENER DIODES (2.4V to 75V)
More results

Similar Description - BZX79C10

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX79B2V4 TSC-BZX79B2V4 Datasheet
125Kb / 2P
500 mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ5221B TAK_CHEONG-TCLLZ5221B Datasheet
81Kb / 3P
500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCMTZJ2V0 TAK_CHEONG-TCMTZJ2V0 Datasheet
174Kb / 6P
500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N746A TAK_CHEONG-TC1N746A_10 Datasheet
3Mb / 4P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N957B TAK_CHEONG-TC1N957B_10 Datasheet
570Kb / 4P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B_10 Datasheet
654Kb / 4P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com