Electronic Components Datasheet Search
  English  ▼

X  

LM3485 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM3485
Description  LM3485 Hysteretic PFET Buck Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3485 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3485 Datasheet HTML 8Page - Texas Instruments LM3485 Datasheet HTML 9Page - Texas Instruments LM3485 Datasheet HTML 10Page - Texas Instruments LM3485 Datasheet HTML 11Page - Texas Instruments LM3485 Datasheet HTML 12Page - Texas Instruments LM3485 Datasheet HTML 13Page - Texas Instruments LM3485 Datasheet HTML 14Page - Texas Instruments LM3485 Datasheet HTML 15Page - Texas Instruments LM3485 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
INPUT VOLTAGE - OUTPUT VOLTAGE (V)
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
35
L=10PH
L=4.7PH
L=22PH
LM3485
SNVS178H – JANUARY 2002 – REVISED DECEMBER 2015
www.ti.com
Feature Description (continued)
Figure 23. Propagation Delay
The operating frequency and output ripple voltage can also be significantly influenced by the speed up capacitor
(Cff). Cff is connected in parallel with the high-side feedback resistor, R1. The location of this capacitor is similar
to where a feed-forward capacitor would be located in a PWM control scheme. However, the effect on hysteretic
operation is much different. The output ripple causes a current to be sourced or sunk through this capacitor. This
current is essentially a square wave. Because the input to the feedback pin, FB, is a high impedance node, the
current flows through R2. The end result is a reduction in output ripple and an increase in operating frequency.
When adding Cff, calculate Equation 4 with
α = 1. The value of Cff depends on the desired operating frequency
and the value of R2. A good starting point is 470-pF ceramic at 100-kHz decreasing linearly with increased
operating frequency. Also, as the output voltage is programmed below 2.5 V, the effect of Cff will decrease
significantly.
7.3.2 Current Limit Operation
The LM3485 has a cycle-by-cycle current limit. Current limit is sensed across the VDS of the PFET or across an
additional sense resistor. When current limit is activated, the LM3485 turns off the external PFET for a period of
9 µs (typical). The current limit is adjusted by an external resistor, RADJ.
The current limit circuit is composed of the ISENSE comparator and the one-shot pulse generator. The positive
input of the ISENSE comparator is the ADJ pin. An internal 5.5-µA current sink creates a voltage across the
external RADJ resistor. This voltage is compared to the voltage across the PFET or sense resistor. The ADJ
voltage can be calculated with Equation 5.
VADJ = VIN − (RADJ × 3.0 µA)
where
•
3.0 µA is the minimum ICL-ADJ value
(5)
The negative input of the ISENSE comparator is the ISENSE pin that should be connected to the drain of the
external PFET. The inductor current is determined by sensing the VDS. It can be calculated with Equation 6.
VISENSE = VIN − (RDSON × IIND_PEAK) = VIN − VDS
(6)
12
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: LM3485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com