Electronic Components Datasheet Search
  English  ▼

X  

LM3699 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM3699
Description  LM3699 High-Efficiency White LED Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3699 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3699 Datasheet HTML 8Page - Texas Instruments LM3699 Datasheet HTML 9Page - Texas Instruments LM3699 Datasheet HTML 10Page - Texas Instruments LM3699 Datasheet HTML 11Page - Texas Instruments LM3699 Datasheet HTML 12Page - Texas Instruments LM3699 Datasheet HTML 13Page - Texas Instruments LM3699 Datasheet HTML 14Page - Texas Instruments LM3699 Datasheet HTML 15Page - Texas Instruments LM3699 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
0.053
0.054
0.055
0.056
0.057
0.058
0.059
0.06
0.061
0.062
VIN (V)
10uH 75% Eff
10uH 80% Eff
22uH 75% Eff
C021
LM3699
SNVS821A – JANUARY 2014 – REVISED MARCH 2014
www.ti.com
Figure 8. Maximum Output Power Vs Inductance And Efficiency
8.2.2.2.2
Output Voltage Limited
If a output voltage limited situation occurs, when the boost output voltage hits the LM3699 OVP threshold, the
NFET turns off and stays off until the output voltage falls below the hysteresis level (typically 1 V below the OVP
threshold). This results in the boost converter regulating the output voltage to the OVP threshold, causing the
current sinks to go into dropout. The LM3699 OVP setting supports LED strings up to 6 series LEDs (Vƒmax = 3.5
V).
8.2.2.3 Boost Inductor Selection
The boost converter operates using either a 10-µH or 22-µH inductor. The inductor selected must have a
saturation current greater than the peak operating current.
8.2.2.4 Output Capacitor Selection
The LM3699 inductive boost converter requires a 1.0-µF X5R or X7R 50V (0805 size) ceramic capacitor to filter
the output voltage. Pay careful attention to the capacitor tolerance and DC bias response. Smaller body-size 1.0-
µF ceramic capacitors or 25-V, 1.0-µF ceramic capacitors can be used, but for proper operation the degradation
in capacitance due to tolerance, DC bias, and temperature should stay above 0.4 µF. This might require placing
two devices in parallel in order to maintain the required output capacitance over the device operating range and
series LED configuration.
8.2.2.5 Schottky Diode Selection
The Schottky diode must have a reverse breakdown voltage greater than the LM3699’s maximum output voltage.
Additionally, the diode must have an average current rating high enough to handle the LM3699’s maximum
output current, and at the same time the diode peak current rating must be high enough to handle the peak
inductor current. Schottky diodes are required due to their lower forward voltage drop (0.3 V to 0.5 V) and their
fast recovery time.
8.2.2.6 Input Capacitor Selection
The LM3699 inductive boost converter requires a 2.2-µF X5R or X7R ceramic capacitor to filter the input voltage.
The input capacitor filters the inductor current ripple and the internal MOSFET driver currents during turnon of the
internal power switch.
12
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LM3699



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com