Electronic Components Datasheet Search
  English  ▼

X  

LM48822 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM48822
Description  LM48822 Boomer ™ Ground-Referenced, Ultra High PSRR, Ultra Low Noise, 35mW/Channel Stereo Headphone Amplifier with Common Mode Sense, and I2C Volume
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48822 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM48822 Datasheet HTML 6Page - Texas Instruments LM48822 Datasheet HTML 7Page - Texas Instruments LM48822 Datasheet HTML 8Page - Texas Instruments LM48822 Datasheet HTML 9Page - Texas Instruments LM48822 Datasheet HTML 10Page - Texas Instruments LM48822 Datasheet HTML 11Page - Texas Instruments LM48822 Datasheet HTML 12Page - Texas Instruments LM48822 Datasheet HTML 13Page - Texas Instruments LM48822 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
START
MSB
DEVICE ADDRESS
LSB
ACK
SCL
SDA
STOP
MSB
REGISTER DATA
LSB
ACK
R/W
LM48822, LM48822TLEVAL
SNAS456C – MAY 2008 – REVISED MAY 2013
www.ti.com
Figure 23. Example I2C Write Cycle
Table 1. Device Address
B7
B6
B5
B4
B3
B2
B1
B0 (R/W)
Device
1
1
0
0
0
0
0
0
Address
Table 2. I2C Control Registers
Register
Register
B7
B6
B5
B4
B3
B2
B1
B0
Address
Name
MODE
MUTE_
MUTE_
0
0
SDL
SD_BIAS
CP_ONLY
0
SDR
CONTROL
LEFT
RIGHT
VOLUME
1
1
SHDN
VOL5
VOL4
VOL3
VOL2
VOL1
VOL0
CONTROL
Table 3. Mode Control Register
Bit
Name
Value
Description
0
Left channel enabled
B6
SDL
1
Left channel disabled
0
Bias enabled
B5
SD_BIAS
1
Bias disabled
0
Normal operation
B4
CP_ONLY
1
Charge-pump only mode. Amplifiers and Bias disabled.
B3
UNUSED
0
Set B3 to 0
0
Left channel Normal Operation
B2
MUTE_LEFT
1
Left channel Mute
0
Right channel enabled
B1
SDR
Right channel disabled. Right channel audio inputs summed with
1
left channel audio inputs and routed to OUTL
0
Right channel Normal Operation
B0
MUTE_RIGHT
1
Right channel Mute
GENERAL AMPLIFIER FUNCTION
The LM48822 headphone amplifier feature TI’s ground referenced architecture that eliminates the large DC-
blocking capacitors required at the outputs of traditional headphone amplifiers. A low-noise inverting charge
pump creates a negative supply (CPVSS) from the positive supply voltage (VDD). The headphone amplifiers
operate from these bipolar supplies, with the amplifier outputs biased about GND, instead of a nominal DC
voltage (typically VDD/2), like traditional amplifiers. Because there is no DC component to the headphone output
signals, the large DC-blocking capacitors (typically 220
μF) are not necessary, conserving board space and
system cost, while improving frequency response.
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM48822 LM48822TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com