Electronic Components Datasheet Search
  English  ▼

X  

LM5041 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM5041
Description  LM5041 Cascaded PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5041 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5041 Datasheet HTML 8Page - Texas Instruments LM5041 Datasheet HTML 9Page - Texas Instruments LM5041 Datasheet HTML 10Page - Texas Instruments LM5041 Datasheet HTML 11Page - Texas Instruments LM5041 Datasheet HTML 12Page - Texas Instruments LM5041 Datasheet HTML 13Page - Texas Instruments LM5041 Datasheet HTML 14Page - Texas Instruments LM5041 Datasheet HTML 15Page - Texas Instruments LM5041 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
RT =
(1/F) - 235 x 10
-9
182 x 10
-12
:
LM5041
SNVS248D – AUGUST 2003 – REVISED MARCH 2013
www.ti.com
Current Limit/Current Sense
The LM5041 contains two levels of over-current protection. If the voltage at the CS pin exceeds 0.5V the present
buck stage duty cycle is terminated (cycle by cycle current limit). If the voltage at the CS pin overshoots the 0.5V
threshold and exceeds 0.6V, then the controller will terminate the present cycle and fully discharge the soft-start
capacitor. A small RC filter located near the controller is recommended to filter current sense signals at the CS
pin. An internal MOSFET discharges the external CS pin for an additional 50ns at the beginning of each cycle to
reduce the leading edge spike that occurs when the buck stage MOSFET is turned on.
The LM5041 current sense and PWM comparators are very fast, and may respond to short duration noise
pulses. Layout considerations are critical for the current sense filter and sense resistor. The capacitor associated
with the CS filter must be placed close to the device and connected directly to the pins of the controller (CS and
GND). If a current sense transformer is used, both leads of the transformer secondary should be routed to the
sense resistor, which should also be located close to the IC. A resistor may be used for current sensing instead
of a transformer, located in the push-pull transistor sources, but a low inductance type of resistor is required.
When designing with a sense resistor, all of the noise sensitive low power grounds should be connected together
around the IC and a single connection should be made to the high current power ground (sense resistor ground
point).
The second level current sense threshold is intended to protect the power converter by initiating a low duty cycle
hick-up mode when abnormally high currents are sensed. If the second level threshold is reached, the soft-start
capacitor will be discharged and a start-up sequence will commence when the soft-start capacitor is determined
to be fully discharged. The second level threshold will only be reached when a high dV/dt is present at the
current sense pin. The current sense transient must be fast enough to reach the second level threshold before
the first threshold detector turns off the buck stage driver. Very high current sense dV/dt can occur with a
saturated power inductor or shorted load. Excessive filtering on the CS pin such as an extremely low value
current sense resistor or an inductor that does not saturate with excessive loading, may prevent the second level
threshold from being reached. If the second level threshold is never exceeded during an overload condition, the
first level current sense will continue cycle by cycle limiting and the output characteristic of the converter will be
that of a current source. However, a sustained overload current level can cause excessive temperatures in the
power train especially the output rectifiers.
Oscillator and Sync Capability
The LM5041 oscillator is set by a single external resistor connected between the RT pin and GND. To set a
desired oscillator frequency (F), the necessary RT resistor can be calculated from:
(1)
The buck stage will switch at the oscillator frequency and each push-pull output will switch at half the oscillator
frequency in a push-pull configuration. The LM5041 can also be synchronized to an external clock. The external
clock must have a higher frequency than the free running frequency set by the RT resistor. The clock signal
should be capacitively coupled into the RT pin with a 100pF capacitor. A peak voltage level greater than 3V is
required for detection of the sync pulse. The sync pulse width should be set in the 15 to 150ns range by the
external components. The RT resistor is always required, whether the oscillator is free running or externally
synchronized. The voltage at the RT pin is internally regulated to 2V. The RT resistor should be located very
close to the device and connected directly to the pins of the IC (RT and GND).
Slope Compensation
The PWM comparator compares the current sense signal to the voltage at the COMP pin. The output stage of
the internal error amplifier generally drives the COMP pin. At duty cycles greater than 50 percent, current mode
control circuits are subject to sub-harmonic oscillation. By adding an additional fixed ramp signal (slope
compensation) to the current sense ramp, oscillations can be avoided. The LM5041 integrates this slope
compensation by buffering the internal oscillator ramp and summing a current ramp generated by the oscillator
internally with the current sense signal. Additional slope compensation may be provided by increasing the source
impedance of the current sense signal.
12
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM5041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com